Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXON20 Datasheet(PDF) 1 Page - Advanced XTAL Products

Part # AXON20
Description  PLXO - Phase-Locked Crystal Oscillator ??Low Phase Noise
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXON20 Datasheet(HTML) 1 Page - Advanced XTAL Products

  AXON20 Datasheet HTML 1Page - Advanced XTAL Products AXON20 Datasheet HTML 2Page - Advanced XTAL Products AXON20 Datasheet HTML 3Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Designed and
Manufactured
in Germany
Designed and
Manufactured
in Germany
AXON20 Rev.2
www.axtal.com
Roemerring 9
Drawing D0
fon: +49 (6261) 939834
D-74821 Mosbach
Page 1(3)
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
Specification
AXON20
Rev.: 2
Date: 2014-06-20
Oscillator type:
PLXO - Phase-Locked Crystal Oscillator – Low Phase Noise
Parameter
min.
typ.
max.
Unit
Condition
Reference frequency (input) fREF
5
100
MHz
Output frequency fOUT
80
160
MHz
Note 2
Frequency stability (free running)
vs. operating temperature range
±10
ppm
vs. supply voltage variation (pushing)
±2
ppm
VS ±5%
vs. load change (pulling)
±2
ppm
Load ±10%
Long term (aging) per year
±2
ppm
@ +40°C
Reference input
Frequency accuracy
±2
ppm
Signal waveform
Sine or square wave
Input level
0.5
VS
Vp-p
Input impedance
10
kΩ
Input capacitance
10
pF
Frequency locking
Frequency locking range
Lock on fREF under worst
conditions over 10 years
VCXO Control Voltage (VC) output
0.15
3.00
V
RIN = 470 kΩ
Lock detect (LD) output
LD = High PLL locked
LD = Low
PLL out of lock
HCMOS levels
Loop filter parameters
Natural loop frequency fN
Note 3
Hz
Phase margin ΦR
Note 3
°
Channel spacing fCH
Note 3
kHz
Lock-in time
Note 3
s
RF output (locked)
Signal waveform
HCMOS
Load
15
pF
±10%
Rise & decay time
5
ns
Symmetry (duty cycle)
40
60
%
@ VS/2
Suppression of channel spurious
-80
dBc
@ N·fCH and fOUT ± N·fCH
Other non-harmonic spurious
-100
dBc
Phase noise
Consult factory
Supply voltage VS
3.15
3.3
3.45
V
Note 4
Current consumption
50
mA
Operating temperature range
-20
+70
°C
Enclosure (see drawing) (LxWxH)
20.0x13.1x6.1 max.
mm
IEC 61837-4 CO 29
Weight
3
g
Packing
Tape & Reel
IEC 60286-3
Notes:
1.
Terminology and test conditions are according to IEC60679-1 and MIL-PRF-55310, unless otherwise stated
2.
Internal Low Phase Noise VCXO
3.
To be optimized to application w.r.t to phase noise and settling performance. Please consult factory
4.
5V supply voltage on request


Similar Part No. - AXON20

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXON2500 AXTAL-AXON2500 Datasheet
114Kb / 3P
SHF Low Noise Phase-Locked Oscillator (PLO)
More results

Similar Description - AXON20

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASYML0007 MACOM-MASYML0007 Datasheet
115Kb / 2P
Low Phase Noise Phase Locked Oscillator
logo
Spectrum Microwave, Inc...
611212 SPECTRUM-611212 Datasheet
78Kb / 2P
PHASE LOCKED OSCILLATOR
611213 SPECTRUM-611213 Datasheet
78Kb / 2P
PHASE LOCKED OSCILLATOR
logo
API Technologies Corp
MASYML0007 APITECH-MASYML0007 Datasheet
354Kb / 3P
Low Phase Noise - Phased Locked Oscillator
logo
BOWEI Integrated Circui...
PLX50X BOWEI-PLX50X Datasheet
155Kb / 1P
Phase Locked Crystal Oscillator
PLX36 BOWEI-PLX36 Datasheet
169Kb / 1P
Phase Locked Crystal Oscillator
logo
Advanced XTAL Products
AXON1000 AXTAL-AXON1000 Datasheet
110Kb / 3P
UHF Low Noise Phase-Locked Oscillator (PLO)
AXON2500 AXTAL-AXON2500 Datasheet
114Kb / 3P
SHF Low Noise Phase-Locked Oscillator (PLO)
AXPLT2500 AXTAL-AXPLT2500 Datasheet
115Kb / 3P
SHF Low Noise Phase-Locked Crystal Oscillator (PLXO)
logo
SYNERGY MICROWAVE CORPO...
LNFTD-10-120240-12 SYNERGY-LNFTD-10-120240-12 Datasheet
2Mb / 4P
PHASE LOCKED CRYSTAL OSCILLATOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com