Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXON2500 Datasheet(PDF) 1 Page - Advanced XTAL Products

Part # AXON2500
Description  SHF Low Noise Phase-Locked Oscillator (PLO)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXON2500 Datasheet(HTML) 1 Page - Advanced XTAL Products

  AXON2500 Datasheet HTML 1Page - Advanced XTAL Products AXON2500 Datasheet HTML 2Page - Advanced XTAL Products AXON2500 Datasheet HTML 3Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Designed and
Manufactured
in Germany
Designed and
Manufactured
in Germany
AXON2500 Rev.1
www.axtal.com
Roemerring 9
Drawing D0
fon: +49 (6261) 939834
D-74821 Mosbach
Page 1(3)
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
Specification
AXON2500
Rev.: 1
Date: 2016-08-19
Oscillator type:
SHF Low Noise Phase-Locked Oscillator (PLO)
Parameter
min.
typ.
max.
Unit
Condition
Reference frequency (input) fREF
10
150
MHz
Output frequency fOUT
3
12
GHz
Multiplication (Note 2)
Frequency stability (free running)
frequency tolerance
±20
MHz
vs. operating temperature range
±10
±20
MHz
Reference input
Frequency accuracy
±10
ppm
Signal waveform
Sine wave
Input level
+3
+13
dBm
Input impedance
50
Ω
RF output
Signal waveform
Sine wave
Load RL
50
Ω
±5%
Output level
+10
+13
dBm
Harmonics
-30
dBc
Sub-harmonics
-40
dBc
Spurious
-80
dBc
PLL Products
-60
dBc
Phase noise (Note 3)
-100
-120
-110
dBc/Hz
dBc/Hz
@ 10 kHz
@ 100 kHz
Lock detect (LD) output
2.3
0
3.3
1.0
V
V
Out of lock
Locked
Supply voltage VS
11.4
12.0
12.6
V
Current consumption
250
350
mA
Operating temperature range
-20
+70
°C
Enclosure (see drawing) (LxWxH)
50.0x50.0x21.0 max.
mm
Weight
60
g
Packing
Palette
Notes:
1.
Terminology and test conditions are according to IEC60679-1 and MIL-PRF-55310, unless otherwise stated
2.
Frequency multiplication factor N depends on output frequency fOUT
3.
For other phase noise please consult factory
Absolute Maximum Ratings
Parameter
min.
max.
Unit
Condition
Supply Voltage VS
-0.5
VS + 10%
V
VS to GND
Reference Input Level
-
+15
dBm
Storage Temperature
-55
+105
°C


Similar Part No. - AXON2500

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXON20 AXTAL-AXON20 Datasheet
113Kb / 3P
PLXO - Phase-Locked Crystal Oscillator ??Low Phase Noise
More results

Similar Description - AXON2500

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASYML0007 MACOM-MASYML0007 Datasheet
115Kb / 2P
Low Phase Noise Phase Locked Oscillator
logo
Spectrum Microwave, Inc...
611212 SPECTRUM-611212 Datasheet
78Kb / 2P
PHASE LOCKED OSCILLATOR
611213 SPECTRUM-611213 Datasheet
78Kb / 2P
PHASE LOCKED OSCILLATOR
611215 SPECTRUM-611215 Datasheet
78Kb / 2P
PHASE LOCKED OSCILLATOR
611219 SPECTRUM-611219 Datasheet
78Kb / 2P
PHASE LOCKED OSCILLATOR
logo
TEMEX
SRD02 TEMEX-SRD02 Datasheet
115Kb / 5P
Ultra Low Noise Phase locked 500 MHz SAW Oscillator
logo
API Technologies Corp
MASYML0007 APITECH-MASYML0007 Datasheet
354Kb / 3P
Low Phase Noise - Phased Locked Oscillator
logo
Advanced XTAL Products
AXON20 AXTAL-AXON20 Datasheet
113Kb / 3P
PLXO - Phase-Locked Crystal Oscillator ??Low Phase Noise
AXON1000 AXTAL-AXON1000 Datasheet
110Kb / 3P
UHF Low Noise Phase-Locked Oscillator (PLO)
AXPLT2500 AXTAL-AXPLT2500 Datasheet
115Kb / 3P
SHF Low Noise Phase-Locked Crystal Oscillator (PLXO)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com