Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXIOM120 Datasheet(PDF) 1 Page - Advanced XTAL Products

Part # AXIOM120
Description  SMD OCXO with HCMOS Output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXIOM120 Datasheet(HTML) 1 Page - Advanced XTAL Products

  AXIOM120 Datasheet HTML 1Page - Advanced XTAL Products AXIOM120 Datasheet HTML 2Page - Advanced XTAL Products AXIOM120 Datasheet HTML 3Page - Advanced XTAL Products AXIOM120 Datasheet HTML 4Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Designed and
Manufactured
in Germany
Designed and
Manufactured
in Germany
AXIOM120 Rev.2
www.axtal.com
Roemerring 9
Drawing D0
fon: +49 (6261) 939834
D-74821 Mosbach
Page 1(4)
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
Specification
AXIOM120
Rev.: 2
Date: 2014-04-18
Oscillator type:
SMD OCXO with HCMOS Output
Parameter
min.
typ.
max.
Unit
Condition
Frequency range
10
125
MHz
Standard frequencies
10.000/20.000/80.000/100.000
MHz
Frequency stability
Initial tolerance @ +25°C
±500
ppb
VC @ centre value
vs. operating temperature range
Option 2 & 3
See tables 1 & 2
steady state
vs. supply voltage variation (pushing)
±10
ppb
VS ±5%
vs. load change (pulling)
±20
ppb
Load ±10%
Long term (aging) per day
(after 30 days operation) (Note 2)
±10
±2
ppb
ppb
AT-Cut
SC-Cut
Long term (aging) 1
st year
(after 30 days operation) (Note 2)
±300
±100
±500
±200
ppb
ppb
AT-Cut
SC-Cut
Frequency adjustment range
Electronic Frequency Control (EFC)
±2
±1
±5
ppm
ppm
AT-Cut
SC-Cut
EFC voltage VC
0.15
0.25
1.65
2.50
3.15
4.75
V
V
Option 1 = “33”
Option 1 = “50”, “12”
EFC slope (∆f / ∆VC)
Positive
EFC input impedance
100
kΩ
RF output
Signal waveform
HCMOS
Load
15
pF
±10%
Symmetry (duty cycle)
40
60
%
@ VS/2
Rise & decay time
5
ns
@ 10% ~ 90% VS
Warm-up time @ +25°C
2
min
∆ffinal/f0 < ±0.1 ppm
Phase Noise
Consult factory
Supply voltage VS
3.15
4.75
11.4
3.3
5.0
12.0
3.45
5.25
12.6
V
V
V
Option 1 = “33”
Option 1 = “50”
Option 1 = “12”
Current consumption (steady state)
@ +25°C (Note 3)
300
200
100
mA
mA
mA
Option 1 = “33”
Option 1 = “50”
Option 1 = “12”
Current consumption (warm-up)
(Note 3)
700
500
200
mA
mA
mA
Option 1 = “33”
Option 1 = “50”
Option 1 = “12”
Enclosure (see drawing) (LxWxH)
22.7x15.1x11 max.
mm
Weight
7
g
Packing
Palette or Tube
Notes:
1.
Terminology and test conditions are according to IEC60679-1 and MIL-PRF-55310, unless otherwise stated
2.
Lower aging on request
3.
May be higher for wide operating temperature range


Similar Part No. - AXIOM120

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXIOM125 AXTAL-AXIOM125 Datasheet
132Kb / 4P
SMD OCXO with Sine Wave Output
More results

Similar Description - AXIOM120

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
HCD351 GOLLEDGE-HCD351 Datasheet
61Kb / 1P
5V OCXO HCMOS Output
HCD361 GOLLEDGE-HCD361 Datasheet
61Kb / 1P
OCXO HCMOS Output
HCD180 GOLLEDGE-HCD180 Datasheet
64Kb / 1P
OCXO HCMOS OUTPUT
HCD190 GOLLEDGE-HCD190 Datasheet
64Kb / 1P
OCXO HCMOS OUTPUT
logo
Advanced XTAL Products
AXIOM70 AXTAL-AXIOM70 Datasheet
65Kb / 2P
OCXO with HCMOS Output
2007-05-14
logo
Golledge Electronics Lt...
HCD351 GOLLEDGE-HCD351_15 Datasheet
135Kb / 1P
5V OCXO HCMOS Output
HCD361 GOLLEDGE-HCD361_15 Datasheet
135Kb / 1P
OCXO HCMOS Output
logo
Advanced XTAL Products
AXIOM170 AXTAL-AXIOM170 Datasheet
120Kb / 4P
High Stability SMD OCXO with HCMOS Output
2014-04-26
AXIOM10-23 AXTAL-AXIOM10-23 Datasheet
100Kb / 2P
High Stability SMD OCXO with HCMOS Output
2014-07-09
AXIOM30-15 AXTAL-AXIOM30-15 Datasheet
87Kb / 2P
High Stability Miniature OCXO with HCMOS Output
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com