Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXPLO2700 Datasheet(PDF) 2 Page - Advanced XTAL Products

Part # AXPLO2700
Description  Phase-Locked Ultra-Low Phase Noise OCXO (PLOCXO)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXPLO2700 Datasheet(HTML) 2 Page - Advanced XTAL Products

  AXPLO2700 Datasheet HTML 1Page - Advanced XTAL Products AXPLO2700 Datasheet HTML 2Page - Advanced XTAL Products AXPLO2700 Datasheet HTML 3Page - Advanced XTAL Products AXPLO2700 Datasheet HTML 4Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Designed and
Manufactured
in Germany
Designed and
Manufactured
in Germany
AXPLO2700 Rev.1
www.axtal.com
Roemerring 9
Drawing D0
fon: +49 (6261) 939834
D-74821 Mosbach
Page 2(4)
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
Parameter
min.
typ.
max. Unit
Condition
Input frequency FREF
5
10
100
MHz
see order code
Frequency accuracy
±500
ppb
Input level
0
+13
dBm
Input impedance
50
Ω
PLL Parameters
Loop frequency fLoop
Note 4
Hz
Channel spacing fCh
Note 4
MHz
Lock time
Note 4
s
Lock Detect Output
3.5
0
5
1.5
V
V
Out of lock
Locked
Supply voltage VS
11.4
12.0
12.6
V
Current consumption (warm-up)
600
mA
Current consumption (steady state)
400
mA
@ +25°C
Operating temperature range
-10
+60
°C
Enclosure (see drawing) (LxWxH)
70x70x30 max.
mm
Weight
200
g
Packing
Palette
Notes:
1.
Terminology and test conditions are according to IEC60679-1 and MIL-PRF-55310, unless otherwise stated
2.
Frequencies RF2 and RF3 must be integer multiples of frequency RF1 (ULN OCXO)
3.
Please consult factory for phase noise of other frequencies
4.
PLL will be optimized to application w.r.t. phase noise
Absolute Maximum Ratings
Parameter
min.
max.
Unit
Condition
Supply Voltage VS
-0.5
VS + 10%
V
VS to GND
RF input power PIN
-
+15
dBm
RL = 50Ω
Storage Temperature
-55
+105
°C
Ordering Code
Model
Input
Frequency
[MHz]
Output
Frequency RF1
[MHz]
Output
Frequency RF2
[MHz]
Output
Frequency RF3 *
[MHz]
Revision
AXPLO2700
10
100
1000
2000
Rev.1
Example: AXPLO2700-10-100-1000-2000_Rev.1 – 100.000 MHz
*Output frequency RF3 is optional



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com