Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJD243T4 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MJD243T4
Description  Complementary Silicon Plastic Power Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJD243T4 Datasheet(HTML) 2 Page - ON Semiconductor

  MJD243T4 Datasheet HTML 1Page - ON Semiconductor MJD243T4 Datasheet HTML 2Page - ON Semiconductor MJD243T4 Datasheet HTML 3Page - ON Semiconductor MJD243T4 Datasheet HTML 4Page - ON Semiconductor MJD243T4 Datasheet HTML 5Page - ON Semiconductor MJD243T4 Datasheet HTML 6Page - ON Semiconductor MJD243T4 Datasheet HTML 7Page - ON Semiconductor MJD243T4 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MJD243 (NPN), MJD253 (PNP)
http://onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector−Base Voltage
VCB
100
Vdc
Collector−Emitter Voltage
VCEO
100
Vdc
Emitter−Base Voltage
VEB
7.0
Vdc
Collector Current−Continuous
−Peak
IC
4.0
8.0
Adc
Base Current
IB
1.0
Adc
Total Device Dissipation @ TC = 25°C
Derate above 25
°C
PD
12.5
0.1
W
W/
°C
Total Device Dissipation @ TA = 25°C
(Note 1)
Derate above 25
°C
PD
1.4
0.011
W
W/
°C
Operating and Storage Junction
Temperature Range
TJ, Tstg
− 65 to + 150
°C
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
1. When surface mounted on minimum pad sizes recommended.
25
25
Figure 1. Power Derating
T, TEMPERATURE (
°C)
0
50
75
100
125
150
15
10
TC
5
20
2.5
0
1.5
1
TA
0.5
2
TC
TA (SURFACE MOUNT)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com