Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTCH102-I/ML Datasheet(PDF) 13 Page - Microchip Technology

Part # MTCH102-I/ML
Description  2, 5 and 8-Channel Proximity/Touch Controller Data Sheet
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MTCH102-I/ML Datasheet(HTML) 13 Page - Microchip Technology

Back Button MTCH102-I/ML Datasheet HTML 9Page - Microchip Technology MTCH102-I/ML Datasheet HTML 10Page - Microchip Technology MTCH102-I/ML Datasheet HTML 11Page - Microchip Technology MTCH102-I/ML Datasheet HTML 12Page - Microchip Technology MTCH102-I/ML Datasheet HTML 13Page - Microchip Technology MTCH102-I/ML Datasheet HTML 14Page - Microchip Technology MTCH102-I/ML Datasheet HTML 15Page - Microchip Technology MTCH102-I/ML Datasheet HTML 16Page - Microchip Technology MTCH102-I/ML Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
 2015-2016 Microchip Technology Inc.
Preliminary
DS40001793C-page 13
MTCH102/5/8
5.2
DC Characteristics: MTCH102/5/8-I/E
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating temperature: -40°C
 TA  +85°C for industrial
Param.
No.
Sym.
Characteristic
Min.
Typ.†
Max.
Units
Conditions
VIL
Input Low Voltage
I/O PORT:
D030A
with TTL buffer
—
—
0.15 VDD
V1.8V
 VDD  4.5V
VIH
Input High Voltage
I/O ports:
—
—
D040A
with TTL buffer
0.25 VDD +
0.8
——
V
1.8V
 VDD  4.5V
IIL
Input Leakage Current(1)
D060
I/O ports
—
—
± 5
± 5
± 125
± 1000
nA
nA
VSS
 VPIN  VDD,
Pin at high-impedance at 85°C
to 125°C
VOL
Output Low Voltage(2)
D080
I/O ports
—
—0.6
V
IOL = 6 mA, VDD = 3.3V
IOL = 1.8 mA, VDD = 1.8V
VOH
Output High Voltage(2)
D090
I/O ports
VDD - 0.7
—
—
V
IOH = 3 mA, VDD = 3.3V
IOH = 1 mA, VDD = 1.8V
Capacitive Loading Specs on Output Pins
D101A* CIO
All I/O pins
—
—
50
pF
*
These parameters are characterized but not tested.
† Data in “Typ.” column is at 3.0V, 25°C unless otherwise stated. These parameters are for design guidance
only and are not tested.
Note 1:
Negative current is defined as current sourced by the pin.
2:
Including OSC2 in CLKOUT mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com