Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP9903T-2E/RW Datasheet(PDF) 15 Page - Microchip Technology

Part # MCP9903T-2E/RW
Description  Multi-Channel Low-Temperature Remote Diode Sensor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9903T-2E/RW Datasheet(HTML) 15 Page - Microchip Technology

Back Button MCP9903T-2E/RW Datasheet HTML 11Page - Microchip Technology MCP9903T-2E/RW Datasheet HTML 12Page - Microchip Technology MCP9903T-2E/RW Datasheet HTML 13Page - Microchip Technology MCP9903T-2E/RW Datasheet HTML 14Page - Microchip Technology MCP9903T-2E/RW Datasheet HTML 15Page - Microchip Technology MCP9903T-2E/RW Datasheet HTML 16Page - Microchip Technology MCP9903T-2E/RW Datasheet HTML 17Page - Microchip Technology MCP9903T-2E/RW Datasheet HTML 18Page - Microchip Technology MCP9903T-2E/RW Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 50 page
background image
 2015-2016 Microchip Technology Inc.
DS20005382C-page 15
MCP9902/3/4
4.15
Temperature Measurement
Results and Data
The temperature measurement results are stored in
the internal and external temperature registers. These
are then compared with the values stored in the high
and low limit registers. Both external and internal tem-
perature measurements are stored in 11-bit format
with the eight (8) most significant bits stored in a high
byte register and the three (3) least significant bits
stored in the three (3) MSB positions of the low byte
register. All other bits of the low byte register are set to
zero.
The MCP9902/3/4 has two selectable temperature
ranges. The default range is from 0°C to +127°C and
the temperature is represented as binary number able
to report a temperature from 0°C to +127.875°C in
0.125°C steps.
The extended range is an extended temperature
range from -64°C to +191°C. The data format is a
binary number offset by +64°C. The extended range is
used to measure temperature diodes with a large
known offset (such as AMD processor diodes) where
the diode temperature plus the offset would be equiva-
lent to a temperature higher than +127°C.
Table 4-7 shows the default and extended range
formats.
TABLE 4-7:
TEMPERATURE DATA
FORMAT
Temperature
(°C)
Default Range
0°C to +127°C
Extended Range
-64°C to +191°C
Diode Fault 000 0000 0000 000 0000 0000
-64
000 0000 0000 000 0000 0000
(Note 2)
-1
000 0000 0000 001 1111 1000
0
000 0000 0000
(Note 1)
010 0000 0000
0.125
000 0000 0001 010 0000 0001
1
000 0000 1000 010 0000 1000
64
010 0000 0000 100 0000 0000
65
010 0000 1000 100 0000 1000
127
011 1111 1000 101 1111 1000
127.875
011 1111 1111 101 1111 1111
128
011 1111 1111
(Note 3)
110 0000 0000
190
011 1111 1111 111 1111 0000
191
011 1111 1111 111 1111 1000
≥ 191.875
011 1111 1111 111 1111 1111
(Note 4)
Note 1:
In default mode, all temperatures < 0°C
will be reported as 0°C
2:
In the extended range, all temperatures
less than -64°C will be reported as -64°C.
3:
For the default range, all temperatures
greater than +127.875°C will be reported
as +127.875°C.
4:
For the extended range, all temperatures
greater than +191.875°C will be reported
as +191.875°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com