Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTCH102-E/ML Datasheet(PDF) 10 Page - Microchip Technology

Part # MTCH102-E/ML
Description  2, 5 and 8-Channel Proximity/Touch Controller Data Sheet
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MTCH102-E/ML Datasheet(HTML) 10 Page - Microchip Technology

Back Button MTCH102-E/ML Datasheet HTML 6Page - Microchip Technology MTCH102-E/ML Datasheet HTML 7Page - Microchip Technology MTCH102-E/ML Datasheet HTML 8Page - Microchip Technology MTCH102-E/ML Datasheet HTML 9Page - Microchip Technology MTCH102-E/ML Datasheet HTML 10Page - Microchip Technology MTCH102-E/ML Datasheet HTML 11Page - Microchip Technology MTCH102-E/ML Datasheet HTML 12Page - Microchip Technology MTCH102-E/ML Datasheet HTML 13Page - Microchip Technology MTCH102-E/ML Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
MTCH102/5/8
DS40001793C-page 10
Preliminary
 2015-2016 Microchip Technology Inc.
4.0
POWER MODE AND TIMEOUT
RESET
The MTCH102/5/8 has three power mode options to
meet the needs of various applications: Normal mode,
Low-Power mode and Smart-Scheduling mode. The
state of the MTPM pin determines the power mode.
4.1
Normal Mode
The device will run in Normal mode if the MTPM pin is
connected to VDD. In this mode, the MTCH102/5/8 will
scan continuously; so it will achieve the shortest
response time among the three power modes, but also
the power consumption is the highest.
4.2
Low-Power Mode
The device will run in Low-Power mode if the MTPM pin
is connected to VSS. The device will go to Sleep for
256 ms after each round of sensor scans; so it will
achieve the lowest power consumption, but it will have
the longest response time among the three power
modes, as shown in Figure 4-1.
FIGURE 4-1:
LOW-POWER MODE
4.3
Smart-Scheduling Mode
The MTCH102/5/8 also implements a Smart-Scheduling
mode that allows a host to set the exact sampling rate by
pulsing the MTPM pin, as shown in Figure 4-2. The
minimum recognizable pulse width is 25 ns. If the MTPM
pin is toggled during a scan cycle, the device will skip the
next Sleep and immediately start a new set of scans.
FIGURE 4-2:
SMART-SCHEDULING
MODE
4.4
Timeout Reset
The device keeps track of the activated state duration
for each MTIx input channel. The sensor state will be
reset once the activated state duration exceeds the
timeout duration, and the associated MTOx pin will
release the line.
For the Normal and Low-Power modes, the timeout
duration is 10 seconds. For the Smart-Scheduling
mode, the timeout duration is 400 multiplied by the
scan interval.
MTIx
Burst Scan
Sleep:256 ms
MTIx
Burst Scan
Sleep
MTPM
Scan Interval



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com