Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MN54ACT2525DMQB Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MN54ACT2525DMQB
Description  1-to-8 Minimum Skew Clock Driver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MN54ACT2525DMQB Datasheet(HTML) 2 Page - National Semiconductor (TI)

  MN54ACT2525DMQB Datasheet HTML 1Page - National Semiconductor (TI) MN54ACT2525DMQB Datasheet HTML 2Page - National Semiconductor (TI) MN54ACT2525DMQB Datasheet HTML 3Page - National Semiconductor (TI) MN54ACT2525DMQB Datasheet HTML 4Page - National Semiconductor (TI) MN54ACT2525DMQB Datasheet HTML 5Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MICROCIRCUIT DATA SHEET
MN54ACT2525-X REV 2A0
Features
-
Ideal for signal generation and clock distribution
-
Guaranteed pin to pin and part to part skew
-
Guaranteed 4000V minimum ESD protection
-
24mA output drive capability
-
CT has TTL-compatible inputs
2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com