Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC1187 Datasheet(PDF) 1 Page - Microchip Technology

Part # EMC1187
Description  Triple Channel 1째C Temperature Sensor with Hardware
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1187 Datasheet(HTML) 1 Page - Microchip Technology

  EMC1187 Datasheet HTML 1Page - Microchip Technology EMC1187 Datasheet HTML 2Page - Microchip Technology EMC1187 Datasheet HTML 3Page - Microchip Technology EMC1187 Datasheet HTML 4Page - Microchip Technology EMC1187 Datasheet HTML 5Page - Microchip Technology EMC1187 Datasheet HTML 6Page - Microchip Technology EMC1187 Datasheet HTML 7Page - Microchip Technology EMC1187 Datasheet HTML 8Page - Microchip Technology EMC1187 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 47 page
background image
SMSC EMC1187
Revision 1.0 (07-11-13)
DATASHEET
Datasheet
PRODUCT FEATURES
EMC1187
Triple Channel 1°C Temperature Sensor with Hardware
Thermal Shutdown and 1.8V SMBus Communications
General Description
The EMC1187 is a high accuracy, low cost, 1.8V System
Management Bus (SMBus) compatible temperature sensor.
Advanced features such as Resistance Error Correction (REC),
Beta Compensation (to support CPU diodes requiring the
BJT/transistor model including 65nm and lower geometry
processors) and automatic diode type detection combine to
provide a robust solution for complex environmental monitoring
applications. The ability to communicate at 1.8V SMBus levels
provides compatible I/O for the advanced processors found in
today’s tablet and smartphone applications.
The EMC1187 monitors three temperature channels (two
external and one internal), providing ±1°C accuracy for both
external and internal diode temperatures.
Additionally, the EMC1187provides a hardware programmable
system shutdown feature that is programmed at part power-up
via two pull-up resistor values and that cannot be masked or
corrupted through the SMBus.
REC automatically eliminates the temperature error caused by
series resistance allowing greater flexibility in routing thermal
diodes. Frequency hopping* and analog filters ensure remote
diode traces can be as far as eight (8) inches without degrading
the signal. Beta Compensation eliminates temperature errors
caused by low, variable beta transistors common in today's fine
geometry processors. The automatic beta detection feature
monitors the external diode/transistor and determines the
optimum sensor sett ings for accurate temperature
measurements regardless of processor technology. This frees
the user from providing unique sensor configurations for each
temperature monitoring application. These advanced features
plus ±1°C measurement accuracy provide a low-cost, highly
flexible and accurate solution for critical temperature monitoring
applications.
Applications
Notebook Computers
Desktop Computers
Industrial
Embedded applications
Features
Hardware Thermal Shutdown
triggers dedicated SYS_SHDN pin
hardware configured range 77°C to 112°C in 1°C steps
cannot be disabled or modified by software
Support for diodes requiring the BJT/transistor model
Supports 65nm and lower geometry CPU thermal
diodes
Pin and register compatible with EMC1423
Automatically determines external diode type and
optimal settings
Resistance Error Correction
Frequency hops the remote sample frequency to reject
DC converter and other coherent noise sources*
Consecutive Alert queue to further reduce false Alerts
Up to 2 External Temperature Monitor
25°C typ, ±1°C max accuracy (20°C < TDIODE < 110°C)
0.125°C resolution
Supports up to 2.2nF diode filter capacitor
Internal Temperature Monitor
±1°C accuracy
0.125°C resolution
3.3V Supply Voltage
1.8V SMBus operation
Programmable temperature limits for ALERT (85°C
default high limit and 0°C default low limit)
Available in small 10-pin 3mm x 3mm DFN RoHS
compliant package
* Technology covered under the US patent 7,193,543.
CPU
EMC1187
DP1
DN1
Thermal
diode
Internal
Diode
DN2
DP2
Host
SMDATA
SMCLK
SMBus
Interface
SYS_SHDN
ALERT
Power
Control
1.8V – 3.3V
VDD
VDD = 3.3V
Internal
Temp Diode
Switching
Current
Analog
Mux
Internal
Temperature
Register
Low Limit Registers
High Limit Registers
Conversion Rate Register
Interupt Masking
Status Registers
Configuration Register
ALERT
SYS_SHDN
SMCLK
SMDATA
DP1
DN1
VDD
GND
EMC1187
External
Temperature
Register(s)
ΔΣ ADC
SYS_SHDN Limit
DP2
DN2


Similar Part No. - EMC1187

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EMC1187 SMSC-EMC1187 Datasheet
525Kb / 47P
Triple Channel 1째C Temperature Sensor with Hardware
EMC1187-1-AIA-TR SMSC-EMC1187-1-AIA-TR Datasheet
525Kb / 47P
Triple Channel 1째C Temperature Sensor with Hardware
More results

Similar Description - EMC1187

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EMC1423 SMSC-EMC1423 Datasheet
766Kb / 45P
1째C Temperature Sensor with Hardware Thermal Shutdown
EMC1422 SMSC-EMC1422_08 Datasheet
632Kb / 38P
1째C Temperature Sensor with Hardware Thermal Shutdown
EMC1423 SMSC-EMC1423_12 Datasheet
812Kb / 51P
1째C Temperature Sensor with Hardware Thermal Shutdown
EMC1422 SMSC-EMC1422_12 Datasheet
670Kb / 41P
1째C Temperature Sensor with Hardware Thermal Shutdown
EMC1187 SMSC-EMC1187 Datasheet
525Kb / 47P
Triple Channel 1째C Temperature Sensor with Hardware
EMC1183 SMSC-EMC1183 Datasheet
539Kb / 48P
Triple Channel 1째C Temperature Sensor
EMC1063 SMSC-EMC1063_08 Datasheet
410Kb / 26P
1째C Triple Temperature Sensor
EMC1053 SMSC-EMC1053_08 Datasheet
437Kb / 28P
1째C Triple Temperature Sensor
EMC1043 SMSC-EMC1043_08 Datasheet
443Kb / 29P
1째C Triple Temperature Sensor
logo
Microchip Technology
EMC1183 MICROCHIP-EMC1183 Datasheet
539Kb / 48P
Triple Channel 1째C Temperature Sensor with Beta
Revision 1.0 07-11-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com