Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC1182 Datasheet(PDF) 39 Page - Microchip Technology

Part # EMC1182
Description  Dual Channel 1째C Temperature Sensor with Beta
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1182 Datasheet(HTML) 39 Page - Microchip Technology

Back Button EMC1182 Datasheet HTML 35Page - Microchip Technology EMC1182 Datasheet HTML 36Page - Microchip Technology EMC1182 Datasheet HTML 37Page - Microchip Technology EMC1182 Datasheet HTML 38Page - Microchip Technology EMC1182 Datasheet HTML 39Page - Microchip Technology EMC1182 Datasheet HTML 40Page - Microchip Technology EMC1182 Datasheet HTML 41Page - Microchip Technology EMC1182 Datasheet HTML 42Page - Microchip Technology EMC1182 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
Dual Channel 1°C Temperature Sensor with Beta Compensation and 1.8V SMBus Communications
Datasheet
SMSC EMC1182
39
Revision 1.0 (07-11-13)
DATASHEET
Chapter 7 Typical Operating Curves
Tem perature Error vs. Filter Capacitor
(2N3904, TA = 27°C, T
DIODE = 27°C, V DD = 3.3V )
-1.0
-0.8
-0.5
-0.3
0.0
0.3
0.5
0.8
1.0
0
1000
2000
3000
4000
Filter Capacitor (pF)
Tem perature Error vs. Am bient Tem perature
(2N3904, T
DIODE = 42.5°C, VDD = 3.3V )
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
-40
-25 -10
5
20
35
50
65
80
95
110 125
Am bient Tem perature (°C)
Tem perature Error vs. External Diode Tem perature
(2N3904, TA = 42.5°C, VDD = 3.3V)
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
-40
-25
-10
5
20
35
50
65
80
95
110 125
External Diode Tem perature (°C)
Temperature Error vs. CPU Temperature
Typical 65nm CPU from major vendor
(TA = 27°C, VDD = 3.3V, BETA = 011, C
FILTER = 470pF)
-1
0
1
2
3
4
5
20
40
60
80
100
120
CPU Temperature (°C)
Beta Compensation
Disabled
Beta Compensation Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com