Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXE5032WT Datasheet(PDF) 2 Page - Advanced XTAL Products

Part # AXE5032WT
Description  Crystal Oscillator in 5x3.2 mm package
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXE5032WT Datasheet(HTML) 2 Page - Advanced XTAL Products

  AXE5032WT Datasheet HTML 1Page - Advanced XTAL Products AXE5032WT Datasheet HTML 2Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AXE5032WT_Rev.1 
www.axtal.com 
Roemerring 9 
Drawing D0 
fon: +49 (6261) 939834 
D‐74821 Mosbach  
page 
2(2) 
fax: +49 (6261) 939836 
Germany  
E‐mail: info@axtal.com 
GmbH & Co. KG
 
Enclosure drawing 
 
 
               Land pattern 
 
Pin connections 
Pin #  Symbol  Function 
1 
OE 
Output Enable/Disable
2 
GND 
Ground 
3 
RF OUT  RF Output 
4 
Vs 
Supply Voltage 
  
Environmental conditions 
Test 
IEC 60068 
Part ... 
IEC 60679‐1 
clause ... 
Test conditions 
Sealing tests 
(if applicable) 
2‐17 
4.6.2 
Gross leak: Test Qc, 
Fine leak: Test Qk 
Solderability 
Resistance to 
soldering heat  
2‐20 
2‐58 
4.6.3 
Test Ta (235  5)°C Method 1  
Test Tb Method 1A, 5s 
Shock* 
2‐27 
4.6.8 
Test Ea, 3 x per axes 100g, 6 ms 
half‐sine pulse 
Vibration, sinusoidal*  2‐6 
4.6.7 
Test Fc, 30 min per axes, 
10 Hz ‐ 55 Hz 0,75mm; 55 Hz ‐ 2 
kHz, 10g 
Endurance tests 
‐ ageing 
‐ extended aging 
  
4.7.1 
4.7.2 
 
30 days @ 85°C, OCXO @25°C 
1000h, 2000h, 8000h @85°C 
 
Revision History 
Rev. 
Drawing 
Date 
[dd.mm.yyyy] 
Remarks 
Author 
Checked 
1 
D0 
12.07.2016 
First issue AXE5032WT 
BN 
BN 
 



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com