Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2534BF Datasheet(PDF) 10 Page - ams AG

Part # AS2534BF
Description  Rx and Tx soft clipping to avoid harsh distortion
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2534BF Datasheet(HTML) 10 Page - ams AG

Back Button AS2534BF Datasheet HTML 6Page - ams AG AS2534BF Datasheet HTML 7Page - ams AG AS2534BF Datasheet HTML 8Page - ams AG AS2534BF Datasheet HTML 9Page - ams AG AS2534BF Datasheet HTML 10Page - ams AG AS2534BF Datasheet HTML 11Page - ams AG AS2534BF Datasheet HTML 12Page - ams AG AS2534BF Datasheet HTML 13Page - ams AG AS2534BF Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
Data She et AS25 33-36
austriamicrosystems
Revision 8.10
Page 9 of 25
Typical Characteristics of
Line Loss Compensation
Figure 6 Typical Tx Ga in Characteristics Line Loss Compensa tion
Figure 7 Typical Rx Ga in Characteristics Line Loss Compensa tion
f = 800 Hz
ZLINE = 600
Ω
Ω
Ω
Ω
VLS = -10 dBm
20
30
40
50
60
70
80
(mA)
DC Line
Current
LLC = VSS
LLC = VDD
LLC = AGND
Tx Gain
(dB)
29
30
31
32
33
34
35
f = 800 Hz
ZLINE = 600
Ω
Ω
Ω
Ω
VLS = -10 dBm
VOL = 0 dB (neutral)
20
30
40
50
60
70
80
(mA)
DC Line
Current
LLC = VSS
LLC = VDD
LLC = AGND
Rx Gain
(dB)
-2
-1
0
+1
+2
+3
+4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com