Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CL8800 Datasheet(PDF) 5 Page - Microchip Technology

Part # CL8800
Description  Sequential Linear LED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CL8800 Datasheet(HTML) 5 Page - Microchip Technology

  CL8800 Datasheet HTML 1Page - Microchip Technology CL8800 Datasheet HTML 2Page - Microchip Technology CL8800 Datasheet HTML 3Page - Microchip Technology CL8800 Datasheet HTML 4Page - Microchip Technology CL8800 Datasheet HTML 5Page - Microchip Technology CL8800 Datasheet HTML 6Page - Microchip Technology CL8800 Datasheet HTML 7Page - Microchip Technology CL8800 Datasheet HTML 8Page - Microchip Technology CL8800 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
 2015 Microchip Technology Inc.
DS20005357A-page 5
CL8800
2.0
PIN DESCRIPTION
The locations of the pins are listed in Package Type.
TABLE 2-1:
PIN DESCRIPTION
Pin #
Function
Description
1 - 8
GND
Circuit common (use for heat sink ground plane pass through).
9SET1
Current sense for linear current regulators for each tap. Resistors on these pins
sets the tap currents.
10
NC
No internal connection.
11
SET2
Current sense for linear current regulators for each tap. Resistors on these pins
sets the tap currents.
12
NC
No internal connection.
13
SET3
Current sense for linear current regulators for each tap. Resistors on these pins
sets the tap currents.
14
NC
No internal connection.
15
SET4
Current sense for linear current regulators for each tap. Resistors on these pins
sets the tap currents.
16
NC
No internal connection.
17
SET5
Current sense for linear current regulators for each tap. Resistors on these pins
sets the tap currents.
18
SET6
Current sense for linear current regulators for each tap. Resistors on these pins
sets the tap currents.
19 - 20
GND
Circuit common (use for heat sink ground plane pass through).
21
GND
Circuit common. Connect to bridge rectifier return (use for heat sink ground plane
pass through).
22 - 26
GND
Circuit common (use for heat sink ground plane pass through).
27
TAP6
Current regulator outputs. Connect to taps along the LED string.
28
TAP5
29
TAP4
30
TAP3
31
TAP2
32
TAP1
33
BIAS
Provides bias for driver. Connect to rectified AC.
Underside plate
(GND)
For heat sinking purposes, it should be soldered to a 4.0cm2 exposed copper
area. It should also be electrically connected to circuit common (GND).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com