Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CL2 Datasheet(PDF) 5 Page - Microchip Technology

Part # CL2
Description  Simple 90V, 20mA, Temperature Compensated
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CL2 Datasheet(HTML) 5 Page - Microchip Technology

  CL2 Datasheet HTML 1Page - Microchip Technology CL2 Datasheet HTML 2Page - Microchip Technology CL2 Datasheet HTML 3Page - Microchip Technology CL2 Datasheet HTML 4Page - Microchip Technology CL2 Datasheet HTML 5Page - Microchip Technology CL2 Datasheet HTML 6Page - Microchip Technology CL2 Datasheet HTML 7Page - Microchip Technology CL2 Datasheet HTML 8Page - Microchip Technology CL2 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
 2015 Microchip Technology Inc.
DS20005448A-page 5
CL2
3.0
FUNCTIONAL DESCRIPTION
Figure 3-1 provides the Functional Circuit diagram and
its equivalent block diagram for CL2. Performance
information is available in Figure 3-2 and Figure 3-3.
Figure 3-4 and Figure 3-5 provide example schemat-
ics.
FIGURE 3-1:
Functional Circuit Diagram and Equivalent Block Diagram
FIGURE 3-2:
Temperature Characteristics
VA
Control Circuit
and Temperature
Compensation
VB
20mA
±10%
VA
VB
Functional Circuit Diagram
Equivalent Block Diagram
0.98
0.99
1.00
1.01
1.02
1.03
-55
-35
-15
5
25
45
65
85
105
125
145
Temperature (°C)
5.0V
45V
90V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com