Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1208 Datasheet(PDF) 39 Page - Microchip Technology

Part # CAP1208
Description  8-Channel Capacitive Touch Sensor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1208 Datasheet(HTML) 39 Page - Microchip Technology

Back Button CAP1208_15 Datasheet HTML 35Page - Microchip Technology CAP1208_15 Datasheet HTML 36Page - Microchip Technology CAP1208_15 Datasheet HTML 37Page - Microchip Technology CAP1208_15 Datasheet HTML 38Page - Microchip Technology CAP1208_15 Datasheet HTML 39Page - Microchip Technology CAP1208_15 Datasheet HTML 40Page - Microchip Technology CAP1208_15 Datasheet HTML 41Page - Microchip Technology CAP1208_15 Datasheet HTML 42Page - Microchip Technology CAP1208_15 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 64 page
background image
 2013-2015 Microchip Technology Inc.
DS00001570C-page 39
CAP1208
Bit 0 - MTP_ALERT - Enables an interrupt if an MTP event occurs. In either condition, the MTP status bit will be set.
• ‘0’ (default) - If an MTP event occurs, the ALERT# pin is not asserted.
• ‘1’ - If an MTP event occurs, the ALERT# pin will be asserted.
5.15
Multiple Touch Pattern Register
The Multiple Touch Pattern register acts as a pattern to identify an expected sensor input profile for diagnostics or other
significant events. There are two methods for how the Multiple Touch Pattern register is used: as specific sensor inputs
or number of sensor input that must exceed the MTP threshold or have Noise Flag Status bits set. Which method is used
is based on the COMP_PTRN bit (see Section 5.14). The methods are described below.
1.
Specific Sensor Inputs: If, during a single sensing cycle, the specific sensor inputs above the MTP threshold or
with Noise Flag Status bits set match those bits set in the Multiple Touch Pattern register, an MTP event is
flagged.
2.
Number of Sensor Inputs: If, during a single sensing cycle, the number of sensor inputs with a delta count above
the MTP threshold or with Noise Flag Status bits set is equal to or greater than the number of pattern bits set, an
MTP event is flagged.
For all bits in this register:
• ‘0’ - The specified sensor input is not considered a part of the pattern.
• ‘1’ - The specified sensor input is considered a part of the pattern, or the absolute number of sensor inputs that
must have a delta count greater than the MTP threshold or have the Noise Flag Status bit set is increased by 1.
Bit 7 - CS8_PTRN - Determines whether CS8 is considered as part of the Multiple Touch Pattern.
Bit 6 - CS7_PTRN - Determines whether CS7 is considered as part of the Multiple Touch Pattern.
Bit 5 - CS6_PTRN - Determines whether CS6 is considered as part of the Multiple Touch Pattern.
Bit 4 - CS5_PTRN - Determines whether CS5 is considered as part of the Multiple Touch Pattern.
Bit 3 - CS4_PTRN - Determines whether CS4 is considered as part of the Multiple Touch Pattern.
Bit 2 - CS3_PTRN - Determines whether CS3 is considered as part of the Multiple Touch Pattern.
Bit 1 - CS2_PTRN - Determines whether CS2 is considered as part of the Multiple Touch Pattern.
Bit 0 - CS1_PTRN - Determines whether CS1 is considered as part of the Multiple Touch Pattern.
5.16
Base Count Out of Limit Register
The Base Count Out of Limit Register indicates which sensor inputs have base counts out of limit (see Section 4.4, "Sen-
sor Input Calibration"). When these bits are set, the BC_OUT bit is set (see Section 5.2, "Status Registers").
For all bits in this register:
TABLE 5-27:
MULTIPLE TOUCH PATTERN REGISTER
Addr
R/W
Register
B7
B6
B5
B4
B3
B2
B1
B0
Default
2Dh
R/W
Multiple
Touch
Pattern
CS8_
PTRN
CS7_
PTRN
CS6_
PTRN
CS5_
PTRN
CS4_
PTRN
CS3_
PTRN
CS2_
PTRN
CS1_
PTRN
FFh
TABLE 5-28:
BASE COUNT OUT OF LIMIT REGISTER
Addr
R/W
Register
B7
B6
B5
B4
B3
B2
B1
B0
Default
2Eh
R
Base Count
Out of Limit
BC_
OUT_
8
BC_
OUT_
7
BC_
OUT_
6
BC_
OUT_
5
BC_
OUT_
4
BC_
OUT_
3
BC_
OUT_
2
BC_
OUT_
1
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com