Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPX2010GS Datasheet(PDF) 3 Page - Motorola, Inc

Part # MPX2010GS
Description  10 KPA ON CHIP TEMPERATURE COMPENSATED CALIBRATED SILICON PRESSURE SENSORS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPX2010GS Datasheet(HTML) 3 Page - Motorola, Inc

  MPX2010GS Datasheet HTML 1Page - Motorola, Inc MPX2010GS Datasheet HTML 2Page - Motorola, Inc MPX2010GS Datasheet HTML 3Page - Motorola, Inc MPX2010GS Datasheet HTML 4Page - Motorola, Inc MPX2010GS Datasheet HTML 5Page - Motorola, Inc MPX2010GS Datasheet HTML 6Page - Motorola, Inc MPX2010GS Datasheet HTML 7Page - Motorola, Inc MPX2010GS Datasheet HTML 8Page - Motorola, Inc MPX2010GS Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MPX2010 MPXV2010G SERIES
3
Motorola Sensor Device Data
ON–CHIP TEMPERATURE COMPENSATION and CALIBRATION
Figure 2. Output versus Pressure Differential
MIN
TYP
OFFSET
(TYP)
30
20
15
10
5
25
0
-5
kPa
PSI
2.5
0.362
5
0.725
7.5
1.09
10
1.45
aMAX
SPAN
RANGE
(TYP)
VS = 10 Vdc
TA = 25°C
P1 > P2
Figure 2 shows the output characteristics of the
MPX2010/MPXV2010G series at 25
°C. The output is direct-
ly proportional to the differential pressure and is essentially a
straight line.
The effects of temperature on full scale span and offset are
very small and are shown under Operating Characteristics.
This performance over temperature is achieved by having
both the shear stress strain gauge and the thin–film resistor
circuitry on the same silicon diaphragm. Each chip is dynam-
ically laser trimmed for precise span and offset calibration
and temperature compensation.
Figure 3. Unibody Package — Cross–Sectional
Diagram (not to scale)
SILICONE
DIE COAT
WIRE BOND
LEAD FRAME
DIE
STAINLESS STEEL
METAL COVER
EPOXY
CASE
RTV DIE
BOND
P1
P2
Figure 3 illustrates the differential/gauge die in the basic
chip carrier (Case 344). A silicone gel isolates the die surface
and wire bonds from the environment, while allowing the pres-
sure signal to be transmitted to the silicon diaphragm.
The MPX2010/MPXV2010G series pressure sensor oper-
ating characteristics and internal reliability and qualification
tests are based on use of dry air as the pressure media. Me-
dia other than dry air may have adverse effects on sensor
performance and long term reliability. Contact the factory for
information regarding media compatibility in your application.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com