Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCT475AFCT2G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCT475AFCT2G
Description  Industry Standard Digital Temperature Sensor in CSP Package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCT475AFCT2G Datasheet(HTML) 2 Page - ON Semiconductor

  NCT475AFCT2G Datasheet HTML 1Page - ON Semiconductor NCT475AFCT2G Datasheet HTML 2Page - ON Semiconductor NCT475AFCT2G Datasheet HTML 3Page - ON Semiconductor NCT475AFCT2G Datasheet HTML 4Page - ON Semiconductor NCT475AFCT2G Datasheet HTML 5Page - ON Semiconductor NCT475AFCT2G Datasheet HTML 6Page - ON Semiconductor NCT475AFCT2G Datasheet HTML 7Page - ON Semiconductor NCT475AFCT2G Datasheet HTML 8Page - ON Semiconductor NCT475AFCT2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
NCT475
www.onsemi.com
2
Figure 1. Simplified Block Diagram
VDD
TWO-WIRE
INTERFACE
DELTA-SIGMA
ADC
CONTROL
LOGIC
REGISTERS
CONFIGURATION
TEMPERATURE
ONE-SHOT
THYST
TOS
OS/ALERT
GND
SDA
SCL
A1
Figure 2. Typical Application Circuit
VDD 3.0 V To 5.5 V
OS/ALERT
GND
SDA
SCL
A1
CBYPASS
ADDRESS
(SET AS DESIRED)
SERIAL INTERFACE
NOTE: SDA, SCL AND OS/ALERT PINS
REQUIRE PULL-UP RESISTORS TO VDD
NCT475
BALL FUNCTION DESCRIPTION
Ball Name
Ball Function
Description
A2
SDA
SMBus/I2C Serial Bi−directional Data Input/Output. Open−drain pin; needs a pull−up resistor.
A1
VDD
Positive Supply Voltage, 3.0 V to 5.5 V. Bypass to ground with a 0.1mF bypass capacitor.
B2
SCL
Serial Clock Input. Open−drain pin; needs a pull−up resistor.
B1
A1
SMBus/I2C Serial Bus Address Selection Pin. Connect to GND or VDD to set the desired I2C
address.
C2
OS/ALERT
Over−temperature Indicator. Open−drain output; needs a pullup resistor.
C1
GND
Power Supply Ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com