Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC2003IPWRG4 Datasheet(PDF) 5 Page - Texas Instruments

Part # TSC2003IPWRG4
Description  I2C TOUCH SCREEN CONTROLLER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSC2003IPWRG4 Datasheet(HTML) 5 Page - Texas Instruments

  TSC2003IPWRG4 Datasheet HTML 1Page - Texas Instruments TSC2003IPWRG4 Datasheet HTML 2Page - Texas Instruments TSC2003IPWRG4 Datasheet HTML 3Page - Texas Instruments TSC2003IPWRG4 Datasheet HTML 4Page - Texas Instruments TSC2003IPWRG4 Datasheet HTML 5Page - Texas Instruments TSC2003IPWRG4 Datasheet HTML 6Page - Texas Instruments TSC2003IPWRG4 Datasheet HTML 7Page - Texas Instruments TSC2003IPWRG4 Datasheet HTML 8Page - Texas Instruments TSC2003IPWRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
TSC2003
5
SBAS162G
www.ti.com
TIMING CHARACTERISTICS
At TA = –40°C to +85°C, +VDD = +2.7V, unless otherwise noted. All values referred to VIHMIN and VILMAX levels.
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX
UNITS
SCL Clock Frequency
fSCL
Standard Mode
0
100
kHz
Fast Mode
0
400
kHz
High-Speed Mode, Cb = 100pF max
0
3.4
MHz
High-Speed Mode, Cb = 400pF max
0
1.7
MHz
Bus Free Time Between a STOP and
tBUF
Standard Mode
4.7
µs
Start Condition
Fast Mode
1.3
µs
Hold Time (Repeated) START
tHD; STA
Standard Mode
4.0
µs
Condition
Fast Mode
600
ns
High-Speed Mode
160
ns
LOW Period of the SCL Clock
tLOW
Standard Mode
4.7
µs
Fast Mode
1.3
µs
High-Speed Mode, Cb = 100pF max
160
ns
High-Speed Mode, Cb = 400pF max
320
ns
HIGH Period of the SCL Clock
tHIGH
Standard Mode
4.0
µs
Fast Mode
600
ns
High-Speed Mode, Cb = 100pF max
60
ns
High-Speed Mode, Cb = 400pF max
120
ns
Setup Time for a Repeated START
tSU; STA
Standard Mode
4.7
µs
Condition
Fast Mode
600
ns
High-Speed Mode
160
ns
Data Setup Time
tSU; DAT
Standard Mode
250
ns
Fast Mode
100
ns
High-Speed Mode
10
ns
Data Hold Time
tHD; DAT
Standard Mode
0
3.45
µs
Fast Mode
0
0.9
µs
High-Speed Mode, Cb = 100pF max
0
70
ns
High-Speed Mode, Cb = 400pF max
0
150
ns
Rise Time of SCL Signal
trCL
Standard Mode
1000
ns
Fast Mode
20 + 0.1Cb
300
ns
High-Speed Mode, Cb = 100pF max
10
40
ns
High-Speed Mode, Cb = 400pF max
20
80
ns
Rise Time of SCL Signal After a
trCL1
Standard Mode
1000
ns
Repeated START Condition and
Fast Mode
20 + 0.1Cb
300
ns
After an Acknowledge Bit
High-Speed Mode, Cb = 100pF max
10
80
ns
High-Speed Mode, Cb = 400pF max
20
160
ns
Fall Time of SCL Signal
tfCL
Standard Mode
300
ns
Fast Mode
20 + 0.1Cb
300
ns
High-Speed Mode, Cb = 100pF max
10
40
ns
High-Speed Mode, Cb = 400pF max
20
80
ns
Rise Time of SDA Signal
trDA
Standard Mode
1000
ns
Fast Mode
20 + 0.1Cb
300
ns
High-Speed Mode, Cb = 100pF max
10
80
ns
High-Speed Mode, Cb = 400pF max
20
160
ns
Fall Time of SDA Signal
tfDA
Standard Mode
300
ns
Fast Mode
20 + 0.1Cb
300
ns
High-Speed Mode, Cb = 100pF max
10
80
ns
High-Speed Mode, Cb = 400pF max
20
160
ns
Setup Time for STOP Condition
tSU; STO
Standard Mode
4.0
µs
Fast Mode
600
ns
High-Speed Mode
160
ns
Capacitive Load for SDA or SCL
Cb
Standard Mode
400
pF
Line
Fast Mode
400
pF
High-Speed Mode, SCL = 1.7MHz
400
pF
High-Speed Mode, SCL = 3.4MHz
100
pF
Pulse Width of Spike Suppressed
tSP
Fast Mode
0
50
ns
High-Speed Mode
0
10
ns
Noise Margin at the HIGH Level for
Standard Mode
Each Connected Device (Including
VnH
Fast Mode
0.2VDD
V
Hysteresis)
High-Speed Mode
Noise Margin at LOW Level for Each
VnL
Standard Mode
Connected Device (Including
Fast Mode
0.1VDD
V
Hysteresis)
High-Speed Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com