Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB522PRGET Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB522PRGET
Description  3.3 V Dual-Channel USB 3.1 GEN 1 Redriver, Equalizer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB522PRGET Datasheet(HTML) 12 Page - Texas Instruments

Back Button TUSB522PRGET Datasheet HTML 8Page - Texas Instruments TUSB522PRGET Datasheet HTML 9Page - Texas Instruments TUSB522PRGET Datasheet HTML 10Page - Texas Instruments TUSB522PRGET Datasheet HTML 11Page - Texas Instruments TUSB522PRGET Datasheet HTML 12Page - Texas Instruments TUSB522PRGET Datasheet HTML 13Page - Texas Instruments TUSB522PRGET Datasheet HTML 14Page - Texas Instruments TUSB522PRGET Datasheet HTML 15Page - Texas Instruments TUSB522PRGET Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
12
TUSB522P
SLLSEV9A – JULY 2016 – REVISED OCTOBER 2016
www.ti.com
Product Folder Links: TUSB522P
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical Application (continued)
8.2.1 Design Requirements
For this design example, use the parameters shown in Table 2.
Table 2. Design Parameters
PARAMETERS
VALUE
VCC Supply (3 V – 3.6 V)
3.3 V
AC Coupling Capacitor (75nF to 265nF)
100 nF
Host to TUSB522P FR4 Length (Inches)
20
Host to TUSB522P FR4 Trace Width (mils)
4
TUSB522P to Connector FR4 Length (Inches)
6
TUSB522P to Connector FR4 Trace Width (mils)
4
EQ1 (RX1P/RX1N)
9 dB (EQ1 = High)
De-Emphasis 2 (TX2P/TX2N)
-6.2 dB (OS2 = Low, DE2 = High)
EQ2 (RX2P/RX2N)
6 dB (EQ2 = Floating)
De-Emphasis 1 (TX1P/TX1N)
-3.5 dB (OS1 = Low, DE1 = Floating)
Output Swing 1 (OS1)
900 mV (OS1 = Low)
Output Swing 2 (OS2)
900 mV (OS2 = Low)
8.2.2 Detailed Design Procedure
The TUSB522P differential receivers and transmitters have internal BIAS and termination. Due to this, the
TUSB522P must be connected to the USB Host and receptacle through ac-coupling capacitors. In this example,
as depicted in Table 1, 100 nF capacitors are placed on TX2P, TX2N, RX1P, RX1N, TX1P and TX1N. No ac-
coupling capacitors are placed on the RX2P and RX2N pins because it is assumed the device downstream of the
TUSB522P will have ac-coupling capacitors on its transmitter as defined by the USB 3.1 specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com