Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JC22S Datasheet(PDF) 2 Page - Copal Electronics

Part # JC22S
Description  CONDUCTIVE PLASTIC SINGLE TURN TYPE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

JC22S Datasheet(HTML) 2 Page - Copal Electronics

  JC22S Datasheet HTML 1Page - Copal Electronics JC22S Datasheet HTML 2Page - Copal Electronics JC22S Datasheet HTML 3Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
■ STANDARD SPECIFICATIONS
■ RATED POWER DERATING CURVE
Item
Output
Single turn
Part number
JC22E
JC22S
JC30S
JC40S
Nominal resistance value
Resistance torelance
Resolution
Independent linearity
Effective electrical angle
Mechanical angle
Power rating (at 40 °C)
Dielectric strength
Insulation resistance
Rotational torque
Strength of tighten screw
Temp. coefficient of resistance
Operating temp. range
Maximum rotational speed
Rotational life (cycles)
Output smoothness
Protection grade
Net weight
%
%
Vrms
W
mN·m {gf·cm} maximum
N·m {kgf·cm} maximum
ppm/°C
°C
min
-1
g
M
Ω minimum
Refer to LIST OF PART NUMBERS
± 20
± 15
± 1
± 0.5
320°
± 5°
340°
± 5°
343°
± 5°
345°
± 5°
360° continuous
0.5
0.7
1.5
± 0.3
Essentially infinite
Approx. 15
Approx. 17
Approx. 24
Approx. 56
1000
1 min
1000 (at DC500 V)
4.9 {50}
0.98 {10}
1.18 {12}
1.47 {15}
0.98 {10}
—
± 400
−40 ~ 85
100
300
10 million
20 million
30 million
0.1 % maximum
IP40
JC
POTENTIOMETERS
100
Ambient temperature (C)
– 40
+ 40
+ 85



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com