Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28W320ECT70N6E Datasheet(PDF) 15 Page - STMicroelectronics

Part # M28W320ECT70N6E
Description  32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28W320ECT70N6E Datasheet(HTML) 15 Page - STMicroelectronics

Back Button M28W320ECT70N6E Datasheet HTML 11Page - STMicroelectronics M28W320ECT70N6E Datasheet HTML 12Page - STMicroelectronics M28W320ECT70N6E Datasheet HTML 13Page - STMicroelectronics M28W320ECT70N6E Datasheet HTML 14Page - STMicroelectronics M28W320ECT70N6E Datasheet HTML 15Page - STMicroelectronics M28W320ECT70N6E Datasheet HTML 16Page - STMicroelectronics M28W320ECT70N6E Datasheet HTML 17Page - STMicroelectronics M28W320ECT70N6E Datasheet HTML 18Page - STMicroelectronics M28W320ECT70N6E Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 53 page
background image
15/53
M28W320ECT, M28W320ECB
Table 5. Read Electronic Signature
Note:
RP = VIH.
Table 6. Read Block Lock Signature
Note: 1. A Locked-Down Block can be locked "DQ0 = 1" or unlocked "DQ0 = 0"; see Block Locking section.
Table 7. Read Protection Register and Lock Register
Note: 1. DQ2 in the Protection Lock Register must not be programmed to 0.
Code
Device
E
G
W
A0
A1
A2-A7
A8-A20
DQ0-DQ7
DQ8-DQ15
Manufacture.
Code
VIL
VIL
VIH
VIL
VIL
0
Don’t Care
20h
00h
Device Code
M28W320ECT
VIL
VIL
VIH
VIH
VIL
0
Don’t Care
BAh
88h
M28W320ECB
VIL
VIL
VIH
VIH
VIL
0
Don’t Care
BBh
88h
Block Status
E
G
W
A0
A1
A2-A7
A8-A11
A12-A20
DQ0
DQ1
DQ2-DQ15
Locked Block
VIL
VIL
VIH
VIL
VIH
0
Don’t Care
Block Address
1
0
00h
Unlocked Block
VIL
VIL
VIH
VIL
VIH
0
Don’t Care
Block Address
0
0
00h
Locked-Down
Block
VIL
VIL
VIH
VIL
VIH
0
Don’t Care
Block Address
X (1)
1
00h
Word
E
G
W
A0-A7
A8-A20
DQ0
DQ1
DQ2
DQ3-DQ7 DQ8-DQ15
Lock
VIL
VIL
VIH
80h
Don’t Care
Don’t Care
OTP Prot.
data
Don’t Care
See note (1)
Don’t
Care
Don’t Care
Unique ID 0
VIL
VIL
VIH
81h
Don’t Care
ID data
ID data
ID data
ID data
ID data
Unique ID 1
VIL
VIL
VIH
82h
Don’t Care
ID data
ID data
ID data
ID data
ID data
Unique ID 2
VIL
VIL
VIH
83h
Don’t Care
ID data
ID data
ID data
ID data
ID data
Unique ID 3
VIL
VIL
VIH
84h
Don’t Care
ID data
ID data
ID data
ID data
ID data
OTP 0
VIL
VIL
VIH
85h
Don’t Care
OTP data
OTP data
OTP data
OTP data
OTP data
OTP 1
VIL
VIL
VIH
86h
Don’t Care
OTP data
OTP data
OTP data
OTP data
OTP data
OTP 2
VIL
VIL
VIH
87h
Don’t Care
OTP data
OTP data
OTP data
OTP data
OTP data
OTP 3
VIL
VIL
VIH
88h
Don’t Care
OTP data
OTP data
OTP data
OTP data
OTP data
OTP 4
VIL
VIL
VIH
89h
Don’t Care
OTP data
OTP data
OTP data
OTP data
OTP data
OTP 5
VIL
VIL
VIH
8Ah
Don’t Care
OTP data
OTP data
OTP data
OTP data
OTP data
OTP 6
VIL
VIL
VIH
8Bh
Don’t Care
OTP data
OTP data
OTP data
OTP data
OTP data
OTP 7
VIL
VIL
VIH
8Ch
Don’t Care
OTP data
OTP data
OTP data
OTP data
OTP data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com