Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC20G Datasheet(PDF) 2 Page - Copal Electronics

Part # LC20G
Description  DC GEARED MOTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

LC20G Datasheet(HTML) 2 Page - Copal Electronics

  LC20G Datasheet HTML 1Page - Copal Electronics LC20G Datasheet HTML 2Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Gear ratio
1/10
1/25
1/50
1/100
1/150
1/300
1/500 1/1000 1/1500
Rated torque
Rated speed
Rated current
No load speed
Part number
Rated voltage
Rated torque
Rated speed
Rated current
No load speed
No load current
Starting torque
Starting current
LC20G-101
LC20G
DC GEARED MOTORS
■ STANDARD SPECIFICATIONS
■ PERFORMANCE CURVES
■ OUTLINE DIMENSIONS
(Unit: mm)
12 V
0.98 mN·m
6000 min
-1
110 mA
7100 min
-1
40 mA
6.33 mN·m
450 mA
<Motor only>
<With gearbox>
657
260
132
66
44
22
13.9
6.8
4.5
4.9
7.8
9.8
14.7
24.5
0.08
0.06
0.04
0.05
680
272
136
68
45
23
14
6.8
4.5
mN·m
min
-1
min
-1
A
LC20G-101
Motor only
Gear ratio 1/100
(Figures in the table are typical values under rated operating condition.)
I
[ mA ]
η
[
%]
N
[ min-1 ]
I
[ mA ]
N
[ min-1 ]
8000
6000
4000
2000
0
400
300
200
100
80
60
40
20
0
0.98
1.96
2.94
3.92
80
60
40
20
0
100
80
60
40
0
9.8
19.6
29.4
39.2
12
V
T-
I
12
V
T-
I
12
V
T- N
12 V T- N
mN m
mN m
Torque
Torque
4 – M 2
5.2
5.2
721
(28)
0.8
30.7
(34.4)
3.7



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com