Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC30G191C Datasheet(PDF) 2 Page - Copal Electronics

Part # LC30G191C
Description  DC GEARED MOTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

LC30G191C Datasheet(HTML) 2 Page - Copal Electronics

  LC30G191C Datasheet HTML 1Page - Copal Electronics LC30G191C Datasheet HTML 2Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Gear ratio
1/10
1/30
1/60
1/100
1/150
1/300
1/500 1/1000 1/1500
Rated torque
Rated speed
Rated current
No load speed
Gear ratio
1/10
1/30
1/60
1/100
1/150
1/300
1/500 1/1000 1/1500
Rated torque
Rated speed
Rated current
No load speed
Part number
Rated voltage
Rated torque
Rated speed
Rated current
No load speed
No load current
Starting torque
Starting current
LC30G191C
LC37G-183C
■ STANDARD SPECIFICATIONS
■ PERFORMANCE CURVES
■ OUTLINE DIMENSIONS
(Unit: mm)
24 V
24 V
9.81 mN·m
4.9 mN·m
5400 min
-1
500 mA
7000 min
-1
60 mA
5200 min
-1
350 mA
7400 min
-1
70 mA
34.32 mN·m
11.76 mN·m
1500 mA
600 mA
<Motor only>
O LC30G191C
O LC30G191C
O LC37G-183C
O LC37G-183C
<With gearbox>
540
190
100
60
40
21
13
6.5
4.4
98.1 196.1
294.2
588.4
0.65
0.5
0.37
0.23
0.25
0.2
0.15
720
230
120
70
47
23
14
7
4.5
mN·m
min
-1
min
-1
A
LC30G191C
530
205
94
57
37
19
12
6.5
4.3
29.4
49.0 147.1 196.1 294.2
588.4
0.35
0.3
0.13
700
235
117
70
47
23
14
7
4.6
mN·m
min
-1
min
-1
A
LC37G-183C
Gear
ratio
A
19.0
21.5
24.0
26.5
29.0
31.5
1/10
1/30
1/60
1/100
1/150
1/300
1/500 1/1000 1/1500
Marks A
LC30G/LC37G
DC GEARED MOTORS
Motor only
Gear ratio 1/100
Motor only
Gear ratio 1/100
(Figures in the table are typical values under rated operating condition.)
8000
6000
4000
2000
 
800
600
400
200
 
100
50
η
[%]
η
80
60
40
20
 
800
600
400
200
 
24 V
T-
I
0
490
980
I
[mA]
I
[mA]
N
[min-1]
0
4.9
9.8
14.7
N
[min-1]
24
V
T-
N
T- N
24
V
8000
6000
4000
2000
100
50
0
19.6
39.2
24
V
T-
I
80
60
40
20
 
1500
1000
500
0
490
980
24 V T-
N
24 V T-
I
η
η
[%]
24
V
T-
N
2000
1000
I
[ mA ]
N
[min-1]
I
[ mA ]
N
[min-1]
24 V
T- I
Torque mN·m
Torque mN·m
Torque mN·m
Torque mN·m
31
—0.2
q
6 – M3 (P = 0.5) D = 4
(A + 46.3)
150
15
6.0
A
2
23.3
12
(A + 68.5)
150
15
6.0
A
2
45.5
12
31
—0.2
q
6 – M3 (P = 0.5) D = 4



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com