Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXB3590 Datasheet(PDF) 7 Page - Cree, Inc

Part # CXB3590
Description  30?몀m optical source
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CXB3590 Datasheet(HTML) 7 Page - Cree, Inc

Back Button CXB3590 Datasheet HTML 3Page - Cree, Inc CXB3590 Datasheet HTML 4Page - Cree, Inc CXB3590 Datasheet HTML 5Page - Cree, Inc CXB3590 Datasheet HTML 6Page - Cree, Inc CXB3590 Datasheet HTML 7Page - Cree, Inc CXB3590 Datasheet HTML 8Page - Cree, Inc CXB3590 Datasheet HTML 9Page - Cree, Inc CXB3590 Datasheet HTML 10Page - Cree, Inc CXB3590 Datasheet HTML 11Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Copyright © 2015-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and the Cree logo is a
trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
7
XLamp® CXB3590 LED
Notes
•
Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a tolerance of ±2 on CRI
measurements. See the Measurements section (page 18).
•
Cree XLamp CXB3590 LED order codes specify only a minimum flux bin and not a maximum. Cree may ship reels in flux bins higher than the minimum
specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions specified by the order code.
*
For 80 CRI minimum LEDs, CRI R9 minimum is 0 with a ±2 tolerance. For 90 CRI minimum LEDs, CRI R9 typical is 60.
**
Flux values @ 25 °C are calculated and for reference only.
nominal
CCt
Cri*
Minimum Luminous flux
2-step
3-step
5-step
Min
typ
group
Flux (lm)
@ 85 °C
Flux (lm)
@ 25 °C** group
order Code
group
order Code
group
order Code
4000 K
70
---
CD
12,000
13,237
40e
CXB3590-0000-
000R0BCD40e
DB
13,000
14,340
CXB3590-0000-
000R0BDB40e
80
---
CB
11,000
12,134
40H
CXB3590-0000-
000R0HCB40H
40G
CXB3590-0000-
000R0HCB40G
CD
12,000
13,237
CXB3590-0000-
000R0HCD40H
CXB3590-0000-
000R0HCD40G
90
92
BB
9,500
10,479
40H
CXB3590-0000-
000R0UBB40H
40G
CXB3590-0000-
000R0UBB40G
BD
10,000
11,031
CXB3590-0000-
000R0UBD40H
CXB3590-0000-
000R0UBD40G
3500 K
80
---
CB
11,000
12,134
35H
CXB3590-0000-
000R0HCB35H
35G
CXB3590-0000-
000R0HCB35G
CD
12,000
13,237
CXB3590-0000-
000R0HCD35H
CXB3590-0000-
000R0HCD35G
90
92
BB
9,500
10,479
35H
CXB3590-0000-
000R0UBB35H
35G
CXB3590-0000-
000R0UBB35G
BD
10,000
11,031
CXB3590-0000-
000R0UBD35H
CXB3590-0000-
000R0UBD35G
3000 K
80
---
BD
10,000
11,031
30H
CXB3590-0000-
000R0HBD30H
30G
CXB3590-0000-
000R0HBD30G
CB
11,000
12,134
CXB3590-0000-
000R0HCB30H
CXB3590-0000-
000R0HCB30G
90
92
BB
9,500
10,479
30H
CXB3590-0000-
000R0UBB30H
30G
CXB3590-0000-
000R0UBB30G
BD
10,000
11,031
CXB3590-0000-
000R0UBD30H
CXB3590-0000-
000R0UBD30G
2700 K
80
---
BD
10,000
11,031
27H
CXB3590-0000-
000R0HBD27H
27G
CXB3590-0000-
000R0HBD27G
CB
11,000
12,134
CXB3590-0000-
000R0HCB27H
CXB3590-0000-
000R0HCB27G
90
92
AD
9,000
9,928
27H
CXB3590-0000-
000R0UAD27H
27G
CXB3590-0000-
000R0UAD27G
BB
9,500
10,479
CXB3590-0000-
000R0UBB27H
CXB3590-0000-
000R0UBB27G
fLuX CharaCtEristiCs, EasyWhitE® Order COdes and Bins - 72 V (i
f = 1200 ma, tJ = 85 °C) - COntinued



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com