Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRKC1022A-R-01-Z Datasheet(PDF) 8 Page - Copal Electronics

Part # MRKC1022A-R-01-Z
Description  Key Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

MRKC1022A-R-01-Z Datasheet(HTML) 8 Page - Copal Electronics

  MRKC1022A-R-01-Z Datasheet HTML 1Page - Copal Electronics MRKC1022A-R-01-Z Datasheet HTML 2Page - Copal Electronics MRKC1022A-R-01-Z Datasheet HTML 3Page - Copal Electronics MRKC1022A-R-01-Z Datasheet HTML 4Page - Copal Electronics MRKC1022A-R-01-Z Datasheet HTML 5Page - Copal Electronics MRKC1022A-R-01-Z Datasheet HTML 6Page - Copal Electronics MRKC1022A-R-01-Z Datasheet HTML 7Page - Copal Electronics MRKC1022A-R-01-Z Datasheet HTML 8Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
MRK
・MRKC
■PC Hole Layouts
(Top View)
Poles
Single pole
・ Double poles
Terminals
Steps
2
−step
(90°
)
3
−step
(45°
・60°
)
4
−step
(45°
)
PC type
Straight
Right angle
PC type
Straight
Right angle
For stand-off pins
For terminal pins
■Key Mounting Dimensions
Series
MRK
MRKC
Grip Material
Plastic
Metal
Plastic
Dimensions
1. Soldering
⑴Manual Soldering
Device
: Solder iron.
360
℃ Max. 3 sec. Max.
⑵Auto Soldering
Method
:Jet wave or dip type
275
℃ Max. 6 sec. Max
●Preheat should be within 80-120℃, 120sec.
■Precautions
2. Flux Cleaning
⑴Solvent : Alcohol type.
⑵ MRK and MRKC series are not washable. To wash the PC
board, clean the soldering surface of the PC board with
a brush so that the switch is not exposed to the cleaning
solution.
SpeciÄcations subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com