Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LP080D Datasheet(PDF) 108 Page - Integrated Silicon Solution, Inc

Part # IS25LP080D
Description  SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP080D Datasheet(HTML) 108 Page - Integrated Silicon Solution, Inc

Back Button IS25LP080D Datasheet HTML 100Page - Integrated Silicon Solution, Inc IS25LP080D Datasheet HTML 101Page - Integrated Silicon Solution, Inc IS25LP080D Datasheet HTML 102Page - Integrated Silicon Solution, Inc IS25LP080D Datasheet HTML 103Page - Integrated Silicon Solution, Inc IS25LP080D Datasheet HTML 104Page - Integrated Silicon Solution, Inc IS25LP080D Datasheet HTML 105Page - Integrated Silicon Solution, Inc IS25LP080D Datasheet HTML 106Page - Integrated Silicon Solution, Inc IS25LP080D Datasheet HTML 107Page - Integrated Silicon Solution, Inc IS25LP080D Datasheet HTML 108Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 108 / 108 page
background image
IS25LP080D
IS25WP080D/040D/020D
Integrated Silicon Solution, Inc.- www.issi.com
108
Rev. A
09/02/2016
Notes:
1. A* = A1, A2, A3: Meets AEC-Q100 requirements with PPAP, E1= Extended+ non-Auto qualified
Temp Grades: E= -40 to 105
°C, E1= -40 to 125°C, A1= -40 to 85°C, A2= -40 to 105°C, A3= -40 to 125°C
2. Call Factory
Density,
Voltage
Frequency (MHz)
Order Part Number
Package
8Mb,
1.8V
STR 133,
DTR 66
IS25WP080D-JBLE
IS25WP080D-JBLE1(2)
8-pin SOIC 208mil
IS25WP080D-JNLE
IS25WP080D-JNLE1(2)
8-pin SOIC 150mil
IS25WP080D-JVLE
IS25WP080D-JVLE1(2)
8-pin VVSOP 150mil
IS25WP080D-JKLE
IS25WP080D-JKLE1(2)
8-contact WSON 6x5mm
IS25WP080D-JTLE
IS25WP080D-JTLE1(2)
8-contact USON 4x3mm
IS25WP080D-JULE
IS25WP080D-JULE1(2)
8-contact USON 2x3mm
IS25WP080D-JBLA*(1)
8-pin SOIC 208mil
IS25WP080D-JNLA*(1)
8-pin SOIC 150mil
IS25WP080D-JVLA*(1)
8-pin VVSOP 150mil
IS25WP080D-JKLA*(1)
8-contact WSON 6x5mm
IS25WP080D-JTLA*(1)
8-contact USON 4x3mm
IS25WP080D-JULA*(1)
8-contact USON 2x3mm
IS25WP080D-JWLE*(2)
KGD
4Mb,
1.8V
STR 133,
DTR 66
IS25WP040D-JBLE(2)
IS25WP040D-JBLE1(2)
8-pin SOIC 208mil
IS25WP040D-JNLE(2)
IS25WP040D-JNLE1(2)
8-pin SOIC 150mil
IS25WP040D-JVLE(2)
IS25WP040D-JVLE1(2)
8-pin VVSOP 150mil
IS25WP040D-JKLE(2)
IS25WP040D-JKLE1(2)
8-contact WSON 6x5mm
IS25WP040D-JTLE(2)
IS25WP040D-JTLE1(2)
8-contact USON 4x3mm
IS25WP040D-JULE(2)
IS25WP040D-JULE1(2)
8-contact USON 2x3mm
IS25WP040D-JBLA*(1, 2)
8-pin SOIC 208mil
IS25WP040D-JNLA*(1, 2)
8-pin SOIC 150mil
IS25WP040D-JVLA*(1, 2)
8-pin VVSOP 150mil
IS25WP040D-JKLA*(1, 2)
8-contact WSON 6x5mm
IS25WP040D-JTLA*(1, 2)
8-contact USON 4x3mm
IS25WP040D-JULA*(1, 2)
8-contact USON 2x3mm
IS25WP040D-JWLE(2)
KGD
2Mb,
1.8V
STR 133,
DTR 66
IS25WP020D-JBLE(2)
IS25WP020D-JBLE1(2)
8-pin SOIC 208mil
IS25WP020D-JNLE(2)
IS25WP020D-JNLE1(2)
8-pin SOIC 150mil
IS25WP020D-JVLE(2)
IS25WP020D-JVLE1(2)
8-pin VVSOP 150mil
IS25WP020D-JKLE(2)
IS25WP020D-JKLE1(2)
8-contact WSON 6x5mm
IS25WP020D-JULE(2)
IS25WP020D-JULE1(2)
8-contact USON 2x3mm
IS25WP020D-JBLA*(1, 2)
8-pin SOIC 208mil
IS25WP020D-JNLA*(1, 2)
8-pin SOIC 150mil
IS25WP020D-JVLA*(1, 2)
8-pin VVSOP 150mil
IS25WP020D-JKLA*(1, 2)
8-contact WSON 6x5mm
IS25WP020D-JULA*(1, 2)
8-contact USON 2x3mm
IS25WP020D-JWLE*(2)
KGD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com