Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LP080D Datasheet(PDF) 4 Page - Integrated Silicon Solution, Inc

Part # IS25LP080D
Description  SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP080D Datasheet(HTML) 4 Page - Integrated Silicon Solution, Inc

  IS25LP080D Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS25LP080D Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS25LP080D Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS25LP080D Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS25LP080D Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS25LP080D Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS25LP080D Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS25LP080D Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS25LP080D Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 108 page
background image
IS25LP080D
IS25WP080D/040D/020D
Integrated Silicon Solution, Inc.- www.issi.com
4
Rev. A
09/02/2016
TABLE OF CONTENTS
FEATURES ............................................................................................................................................................2
GENERAL DESCRIPTION ....................................................................................................................................3
TABLE OF CONTENTS .........................................................................................................................................4
1.
PIN CONFIGURATION...................................................................................................................................7
2.
PIN DESCRIPTIONS ......................................................................................................................................8
3.
BLOCK DIAGRAM ..........................................................................................................................................9
4.
SPI MODES DESCRIPTION ........................................................................................................................10
5.
SYSTEM CONFIGURATION ........................................................................................................................12
5.1 BLOCK/SECTOR ADDRESSES ............................................................................................................12
6.
REGISTERS .................................................................................................................................................13
6.1 STATUS REGISTER ..............................................................................................................................13
6.2 FUNCTION REGISTER ..........................................................................................................................16
6.3 READ REGISTER AND EXTENDED REGISTER..................................................................................17
6.4 AUTOBOOT REGISTER ........................................................................................................................21
7.
PROTECTION MODE...................................................................................................................................22
7.1 HARDWARE WRITE PROTECTION......................................................................................................22
7.2 SOFTWARE WRITE PROTECTION ......................................................................................................22
8.
DEVICE OPERATION ..................................................................................................................................23
8.1 NORMAL READ OPERATION (NORD, 03h) .........................................................................................26
8.2 FAST READ OPERATION (FRD, 0Bh) ..................................................................................................28
8.3 HOLD OPERATION................................................................................................................................30
8.4 FAST READ DUAL I/O OPERATION (FRDIO, BBh) .............................................................................30
8.5 FAST READ DUAL OUTPUT OPERATION (FRDO, 3Bh).....................................................................33
8.6 FAST READ QUAD OUTPUT OPERATION (FRQO, 6Bh)....................................................................34
8.7 FAST READ QUAD I/O OPERATION (FRQIO, EBh) ............................................................................36
8.8 PAGE PROGRAM OPERATION (PP, 02h)............................................................................................40
8.9 QUAD INPUT PAGE PROGRAM OPERATION (PPQ, 32h/38h) ..........................................................42
8.10 ERASE OPERATION ...........................................................................................................................43
8.11 SECTOR ERASE OPERATION (SER, D7h/20h).................................................................................44
8.12 BLOCK ERASE OPERATION (BER32K:52h, BER64K:D8h) ..............................................................45
8.13 CHIP ERASE OPERATION (CER, C7h/60h) .......................................................................................47
8.14 WRITE ENABLE OPERATION (WREN, 06h) ......................................................................................48
8.15 WRITE DISABLE OPERATION (WRDI, 04h).......................................................................................49
8.16 READ STATUS REGISTER OPERATION (RDSR, 05h) .....................................................................50
8.17 WRITE STATUS REGISTER OPERATION (WRSR, 01h)...................................................................51
8.18 READ FUNCTION REGISTER OPERATION (RDFR, 48h) .................................................................52
8.19 WRITE FUNCTION REGISTER OPERATION (WRFR, 42h)...............................................................53
8.20 ENTER QUAD PERIPHERAL INTERFACE (QPI) MODE OPERATION (QPIEN, 35h; QPIDI, F5h) ..54
8.21 PROGRAM/ERASE SUSPEND & RESUME........................................................................................55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com