Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRKC2042A-R-01-Z Datasheet(PDF) 1 Page - Copal Electronics

Part # MRKC2042A-R-01-Z
Description  Key Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

MRKC2042A-R-01-Z Datasheet(HTML) 1 Page - Copal Electronics

  MRKC2042A-R-01-Z Datasheet HTML 1Page - Copal Electronics MRKC2042A-R-01-Z Datasheet HTML 2Page - Copal Electronics MRKC2042A-R-01-Z Datasheet HTML 3Page - Copal Electronics MRKC2042A-R-01-Z Datasheet HTML 4Page - Copal Electronics MRKC2042A-R-01-Z Datasheet HTML 5Page - Copal Electronics MRKC2042A-R-01-Z Datasheet HTML 6Page - Copal Electronics MRKC2042A-R-01-Z Datasheet HTML 7Page - Copal Electronics MRKC2042A-R-01-Z Datasheet HTML 8Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MRK
・MRKC
Key Switches
2. High Contact Reliability
Gold-plated contact with self-cleaning, twin contact
mechanism provides high contact reliability.
4. Improved Resistance to Soldering Heat
The resistance to soldering heat of contacts is improved by
blocking heat from terminals by using the printed circuit board.
■Features
1. For PCB Mounting
Direct mounting to PC board. The terminal pin layout is
in inch pitch.
3. Smooth Operation
Steel ball adopted to click mechanism for smooth operation.
5. Cylinder Lock Type (MRKC)
Cylinder lock mechanism is adopted, enabling choice of
various types of key.
RoHS Compliant
■Part Numbering
(※1)For MRKC series, 6 types of keys are available.
(01~03, 01B~03B)
ON  ー  ON
ON  ー (ON)
ON ーONー ON
ONーONーONーON
01
02
03
04
P/C
Straight
Right Angle
45
°
90
°
MRK
  1  01  2 A  −  R − Z
MRKC
 2  01  3  A − R − 01 R − Z
Double Pole
Single Pole
1
2
1
★2
Standard type
MRK
Series code
Number of poles
Circuit Function
Key Removable Positions
Angle of Throw
Terminals
Series code
Number of poles
Circuit Function
Key Removable Positions
Angle of Throw
Terminals
Registration number of key
(※1)
Grip material of key
None
R
ON  ー  ON
ON  ー (ON)
ON ーONー ON
(ON)
ーONー
(ON)
01
02
03
04
P/C
Straight
Right Angle
45
°
90
°
60
°
Double Pole
Single Pole
1
2
3
★1
★2
Cylinder Lock
MRKC
None
R
Metal
Plastic
None
B
(ON)
:Momentary.
★:Made to order products.


Similar Part No. - MRKC2042A-R-01-Z

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
MRKC1052B-C-10 COPAL-MRKC1052B-C-10 Datasheet
391Kb / 2P
Key Switches
More results

Similar Description - MRKC2042A-R-01-Z

ManufacturerPart #DatasheetDescription
logo
ITT Industries
K6B1.53N ITT-K6B1.53N Datasheet
197Kb / 3P
Miniature Key Switches
logo
Tyco Electronics
2SWK MACOM-2SWK Datasheet
295Kb / 4P
Key Switches, Medium Security
logo
C&K Components
D6C00F1LFS CK-COMPONENTS-D6C00F1LFS Datasheet
190Kb / 4P
SPST Momentary Key Switches
K6BGN1.53NL306 CK-COMPONENTS-K6BGN1.53NL306 Datasheet
188Kb / 3P
Miniature Key Switches
KS11R22CQD CK-COMPONENTS-KS11R22CQD Datasheet
167Kb / 3P
Single Pole Key Switches
P101133WM03NQE2 CK-COMPONENTS-P101133WM03NQE2 Datasheet
176Kb / 3P
Low Profile Key Switches
D6F90F1LFS CK-COMPONENTS-D6F90F1LFS Datasheet
190Kb / 4P
SPST Momentary Key Switches
logo
List of Unclassifed Man...
D6R90LFS ETC2-D6R90LFS Datasheet
227Kb / 4P
SPST Momentary Key Switches
logo
C&K Components
D6C90F1FS CK-COMPONENTS-D6C90F1FS Datasheet
190Kb / 4P
SPST Momentary Key Switches
logo
Copal Electronics
MRKC1052B-C-10 COPAL-MRKC1052B-C-10 Datasheet
391Kb / 2P
Key Switches
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com