Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HLS312A Datasheet(PDF) 2 Page - Copal Electronics

Part # HLS312A
Description  Miniature Rocker Switches
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

HLS312A Datasheet(HTML) 2 Page - Copal Electronics

  HLS312A Datasheet HTML 1Page - Copal Electronics HLS312A Datasheet HTML 2Page - Copal Electronics HLS312A Datasheet HTML 3Page - Copal Electronics HLS312A Datasheet HTML 4Page - Copal Electronics HLS312A Datasheet HTML 5Page - Copal Electronics HLS312A Datasheet HTML 6Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TAB:#187
■Placing an order
The button color of the HLA type is brown only. Replacement
of button is not possible.
Some products in the List of UL- and CSA-approved
Products are not registered yet. Before placing the order,
check with our Sales Department.
HLA
★:Made to order products.
HLA112
1 pole
HLA208
2 Poles
Switching
function
Part No.
Viewed from part No. marking side
HLA112A
■
OFF
ON
Connecting
terminals
−
2
−1
HLA112D
■
ON
ON
Connecting
terminals
2
−32−1
HLA208K
■
OFF
ON
Connecting
terminals
−
2
−1
5
−4
HLA208N
■
ON
ON
Connecting
terminals
2
−3
5
−6
2
−1
5
−4
Terminal numbers are shown on the bottom of the switch.
Terminal numbers are shown on the bottom of the switch.
■Dimension L
Terminal
style
Part No.
TAB:#187
Solder Terminal
HLA112A
■
22
18.5
HLA112D
■
22
18.5
■:WLJPÄJH[PVUZ
Rating
Initial contact resistance
Dielectric strength
Insulation resistance
Electrical life
HLA112A
HLA112D
AC125V 12A Max.
AC250V 6A Max.
20m
Ω Max.
(DC2∼4V 1A)
AC1500V
1 minute
100M
Ω Min.
(DC500V)
15,000
cycles
AC
・DC6V 1mA Min.
■:WLJPÄJH[PVUZ
Rating
Initial contact resistance
Dielectric strength
Insulation resistance
Electrical life
HLA208K
HLA208N
AC125V 8A Max.
AC250V 5A Max.
20m
Ω Max.
(DC2∼4V 1A)
AC1500V
1 minute
100M
Ω Min.
(DC500V)
15,000
cycles
AC
・DC6V 1mA Min.
The switching function Type A is without terminal number
(3)
.
To check the Part No. marked with the
■, refer to
the List of Part Numbers shown below.
■Panel Cut-Out Dimension
■Table of Part Numbers
Series
Switching function
TAB terminals
(#187)
Solder terminals
1
−pole
2
−pole
1
−pole
2
−pole
3
−pole
HLA
OFF
− ON
★
HLA112A
★
HLA208K
★
HLA112A12
 
HLA208K12
−
ON
− ON
★
HLA112D
★
HLA208N
★
HLA112D12
★
HLA208N12
−
HLC
OFF
− ON
 
HLC112A
 
HLC208K
★
HLC112A12
☆
HLC208K12
−
ON
− ON
★
HLC112D
★
HLC208N
★
HLC112D12
★
HLC208N12
−
HLS
OFF
− ON
 
HLS112A
 
HLS208K
☆
HLS112A12
 
HLS208K12
HLS308A12
ON
− ON
 
HLS112D
 
HLS208N
★
HLS112D12
☆
HLS208N12
−
☆:Semi-standard products.
:UL recognized
:*:(JLY[PÄLK
The switching function Type K is without terminal numbers
(3)and(6)
.
TAB:#187 Terminal



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com