Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HLS108D Datasheet(PDF) 5 Page - Copal Electronics

Part # HLS108D
Description  Miniature Rocker Switches
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

HLS108D Datasheet(HTML) 5 Page - Copal Electronics

  HLS108D Datasheet HTML 1Page - Copal Electronics HLS108D Datasheet HTML 2Page - Copal Electronics HLS108D Datasheet HTML 3Page - Copal Electronics HLS108D Datasheet HTML 4Page - Copal Electronics HLS108D Datasheet HTML 5Page - Copal Electronics HLS108D Datasheet HTML 6Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
HLS308
HLS308
 
3
−poles
Part No.
HLS308A12
ON
OFF
Connecting
terminals
1
−2
3
−4
5
−6
−
Terminal numbers are shown on the bottom of the switch.
■:WLJPÄJH[PVUZ
Rating
Initial contact resistance Dielectric strength Insulation resistance
Electrical life
Operating temperature range
Maximum rating
AC125V 8A
AC250V 5A 100mΩ Max.
(DC2∼4V 1A)
AC2000V
1 minute
100M
Ω Min.
(DC500V)
5,000
cycles
−15∼+85℃
Minimum rating
AC
・DC6V 1mA
The button is not replaceable (Color: White).
(Solder terminals)
Panel thickness
: 1
∼2mm
■Panel Cut-Out Dimensions
■:VSKLYPUN:WLJPÄJH[PVUZ
Device : Soldering iron
420
℃, Max.; 3 seconds, Max.
■Accessories(For HLC・HLS : Without HLS308)
《Supplied separately》
Accessories
Standard accessories
Optional accessories
Part name
Button
Button
Dimensions
4H[[LÄUPZO
Button color
Part number
Button color
Dot marking
Part number
Button color
Dot marking
Part number
White
140000480738
White
−
140000480739
White
Red
140000480874
Red
140000480628
Red
−
140000480686
White
Black
140000481081
Black
140000480621
Black
−
140000480685
Red
White
140000480711
Gray
140000480629
Gray
−
140000480687
Red
Black
140000480896
Green
140000480631
Green
−
140000480689
Black
White
140000480710
Blue
140000480632
Blue
−
140000480688
Black
Red
140000480650
Yellow
140000480630
Yellow
−
140000480690
Gray
White
140000480741
Brown
140000480633
Yellow
White
140000481511
Gray
Red
140000480800
−−
Brown
−
140000480691
Gray
Black
140000480865
φ2.5×0.5 の凹付き
(色入れなし)
with φ2.5 concave
表示マーク
Dot marking
:Optional Accessories.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com