Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HLS208D Datasheet(PDF) 3 Page - Copal Electronics

Part # HLS208D
Description  Miniature Rocker Switches
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

HLS208D Datasheet(HTML) 3 Page - Copal Electronics

  HLS208D Datasheet HTML 1Page - Copal Electronics HLS208D Datasheet HTML 2Page - Copal Electronics HLS208D Datasheet HTML 3Page - Copal Electronics HLS208D Datasheet HTML 4Page - Copal Electronics HLS208D Datasheet HTML 5Page - Copal Electronics HLS208D Datasheet HTML 6Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
■Mounting the HLC Type Button
The button can be replaced by pressing the button in
the direction of the arrow.
HLC
HLC112
1 pole
HLC208
2 Poles
Switching
function
Part No.
Viewed from part No. marking side
HLC112A
■
OFF
ON
Connecting
terminals
−
2
−1
HLC112D
■
ON
ON
Connecting
terminals
2
−32−1
HLC208K
■
OFF
ON
Connecting
terminals
−
2
−1
5
−4
HLC208N
■
ON
ON
Connecting
terminals
2
−3
5
−6
2
−1
5
−4
Terminal numbers are shown on the bottom of the switch.
Terminal numbers are shown on the bottom of the switch.
■Dimension L
Terminal
style
Part No.
TAB:#187
Solder Terminal
HLC112A
■
22
18.5
HLC112D
■
22
18.5
■:WLJPÄJH[PVUZ
Rating
Initial contact resistance
Dielectric strength
Insulation resistance
Electrical life
HLC112A
HLC112D
AC125V 12A Max.
AC250V 6A Max.
20m
Ω Max.
(DC2∼4V 1A)
AC1500V
1 minute
100M
Ω Min.
(DC500V)
15,000
cycles
AC
・DC6V 1mA Min.
■:WLJPÄJH[PVUZ
Rating
Initial contact resistance
Dielectric strength
Insulation resistance
Electrical life
HLC208K
HLC208N
AC125V 8A Max.
AC250V 5A Max.
20m
Ω Max.
(DC2∼4V 1A)
AC1500V
1 minute
100M
Ω Min.
(DC500V)
15,000
cycles
AC
・DC6V 1mA Min.
The switching function Type A is without terminal number
(3)
.
The switching function Type K is without terminal numbers
(3)and(6)
.
To check the Part No. marked with the
■, refer to
List of Part Numbers on Page 325.
Solder Terminal
■Panel Cut-Out Dimensions
■Placing an order
The button of the HLC type comes as an accessory.
Choose one from the table on page 328 and specify
the color in part number when placing an order.
TAB:#187 Terminal



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com