Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA2001 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCA2001
Description  32 kHz watch circuit with programmable adaptive motor pulse
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA2001 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCA2001 Datasheet HTML 3Page - NXP Semiconductors PCA2001 Datasheet HTML 4Page - NXP Semiconductors PCA2001 Datasheet HTML 5Page - NXP Semiconductors PCA2001 Datasheet HTML 6Page - NXP Semiconductors PCA2001 Datasheet HTML 7Page - NXP Semiconductors PCA2001 Datasheet HTML 8Page - NXP Semiconductors PCA2001 Datasheet HTML 9Page - NXP Semiconductors PCA2001 Datasheet HTML 10Page - NXP Semiconductors PCA2001 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
2003 Dec 17
7
Philips Semiconductors
Product specification
32 kHz watch circuit with programmable
adaptive motor pulse
PCA2000; PCA2001
Time calibration
The quartz crystal oscillator has an integrated capacitance
of 5.2 pF, which is lower than the specified capacitance
(CL) of 8.2 pF for the quartz crystal. Therefore, the
oscillator frequency is typically 60 ppm higher than
32.768 kHz. This positive frequency offset is compensated
by removing the appropriate number of 8192 Hz pulses in
the divider chain (maximum 127 pulses), every
1 or 2 minutes. The time correction is given in Table 1.
After measuring the effective oscillator frequency, the
number of correction pulses must be calculated and stored
together with the calibration period in the OTP memory
(see Section “Programming the memory cells”).
The oscillator frequency can be measured at pad RESET,
where a square wave signal with the frequency of
is provided.
This frequency shows a jitter every minute or every two
minutes, depending on the programmed calibration period,
which originates from the time calibration.
Details on how to measure the oscillator frequency and the
programmed inhibit time are given in Section
“Measurement of oscillator frequency and inhibit time”.
Reset
At pin RESET an output signal with a frequency of
= 32 Hz is provided.
Connecting pad RESET to VDD stops the motor drive and
opens all four (P1, N1, P2 and N2) driver switches (see
Fig.5). Connecting pad RESET to VSS activates the test
mode. In this mode the motor output frequency is 32 Hz,
which can be used to test the mechanical function of the
watch.
After releasing the pad RESET, the motor starts exactly
one second later with the smallest duty cycle and with the
opposite polarity to the last pulse before stopping.
The debounce time for the RESET function is between
31 and 62 ms.
Programming possibilities
The programming data is stored in OTP cells (EPROM
cells). At delivery, all memory cells are in state 0. The cells
can be programmed to the state 1, but then there is no
more set back to state 0.
The programming data is organized in an array of three
8-bit words: word A contains the time calibration, and
words B and C contain the setting for the monitor pulses
(see Table 2).
1
1024
-------------
f
osc
×
1
1024
-------------
f
osc
×
Table 1
Time calibration
Table 2
Words and bits
CALIBRATION PERIOD
CORRECTION PER STEP (n = 1)
CORRECTION PER STEP (n = 127)
ppm
seconds per day
ppm
seconds per day
1 minute
2.03
0.176
258
22.3
2 minutes
1.017
0.088
129
11.15
WORD
BIT
1
2
3
4
5678
A
number of 8192 Hz pulses to be removed
calibration
period
B
lowest stage: duty cycle
number of driving stages
highest stage:
duty cycle and
stretching
factory test bit
C
pulse width
maximum time delay between positive
and negative detection pulses
EOL
voltage
factory test
bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com