Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA2000AA Datasheet(PDF) 14 Page - NXP Semiconductors

Part # PCA2000AA
Description  32 kHz watch circuit with programmable adaptive motor pulse
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA2000AA Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button PCA2000AA Datasheet HTML 10Page - NXP Semiconductors PCA2000AA Datasheet HTML 11Page - NXP Semiconductors PCA2000AA Datasheet HTML 12Page - NXP Semiconductors PCA2000AA Datasheet HTML 13Page - NXP Semiconductors PCA2000AA Datasheet HTML 14Page - NXP Semiconductors PCA2000AA Datasheet HTML 15Page - NXP Semiconductors PCA2000AA Datasheet HTML 16Page - NXP Semiconductors PCA2000AA Datasheet HTML 17Page - NXP Semiconductors PCA2000AA Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
2003 Dec 17
14
Philips Semiconductors
Product specification
32 kHz watch circuit with programmable
adaptive motor pulse
PCA2000; PCA2001
Notes
1.
Σ (P + N).
2. RL and CL are a load resistor and load capacitor, externally connected to pad RESET.
Table 6
Specifications for OTP programming (see Figs 7, 8 and 12).
Note
1. Program each word once only.
Voltage level detector
Vth(EOL)
EOL threshold voltage
silver-oxide battery
1.30
1.38
1.46
V
lithium battery
2.35
2.50
2.65
V
TCEOL
temperature coefficient
−−0.07 −
%/
°C
Pad RESET
fo
output frequency
−
32
−
Hz
∆Vo
output voltage swing
RL =1MΩ; CL = 10 pF; note 2
1.4
−−
V
tr,tf
rise and fall time
RL =1MΩ; CL = 10 pF; note 2
−
1
−µs
Ii(AV)
average input current
pad RESET connected to VDD or VSS
−
10
20
nA
SYMBOL
PARAMETER(1)
MIN.
TYP.
MAX.
UNIT
VDD
supply voltage during programming procedure
1.5
−
3.0
V
VP(start)
supply voltage for starting programming procedure
6.6
−
6.8
V
VP(stop)
supply voltage for stopping programming procedure
6.2
−
6.4
V
VP(mod)
supply voltage modulation for entering instructions
320
350
380
mV
Vpre-store
supply voltage for pre-store pulse
6.2
−
6.4
V
Vstore
supply voltage for writing to the OTP cells
9.9
10.0
10.1
V
Istore
supply current for writing to the OTP cells
−−
10
mA
tp(start)
pulse width of start pulse
8
10
12
ms
tp(stop)
pulse width of stop pulse
0.05
−
0.5
ms
tmod
modulation pulse width
25
30
40
µs
tpre-store
pulse width of pre-store pulse
0.05
−
0.5
ms
tstore
pulse width for writing to the OTP cells
95
100
110
ms
t0
waiting time after start pulse
20
−
30
ms
t1
pulse distance for incrementing the state counter
0.6
0.7
0.8
ms
t2
pulse distance for clocking the data register with data = logic 0
1.6
1.7
1.8
ms
t3
pulse distance for clocking the data register with data = logic 1
2.6
2.7
2.8
ms
t4
waiting time for writing to OTP cells
0.1
0.2
0.3
ms
SR
slew rate for modulation of the supply voltage
0.5
−
5.0
V/
µs
Rread
supply current modulation read-out resistor
18
30
45
k
Ω
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com