Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F2D_SERIES Datasheet(PDF) 1 Page - RUBYCON CORPORATION

Part # F2D_SERIES
Description  POLYESTER FILM CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

F2D_SERIES Datasheet(HTML) 1 Page - RUBYCON CORPORATION

  F2D_SERIES Datasheet HTML 1Page - RUBYCON CORPORATION F2D_SERIES Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
◆STANDARD SIZE
Part No.
Dimensions (mm)
Typical Packaging Quantity (pcs)
Cap(μF)
Rated
Voltage
AB
C
F
LS±0.5
※
d
Bag
Carton
TV
TF
−
−
Long Lead type
Taping Ammo Pack Type - Style
TS
50
Vdc
※LS:Please refer to Taping specification section.
◆SPECIFICATIONS
±5%(J), ±10%(K)
0.01max at 1kHz
UR×200% 60s
30000MΩmin
JIS C 5101-11, JIS C 5101-1
50Vdc, 100Vdc, 200Vdc
Category Temperature Range
Rated Voltage (UR)
Voltage Proof
Insulation Resistance
Reference Standard
Capacitance Tolerance
tanδ
◆PART NUMBER
−40∼+105℃ ※
※Derate the voltage as shown in the "CAUTION FOR PROPER USE OF FILM CAPACITORS"
 when using the capacitor beyond 85℃.
□□□
Rated Voltage
F2D
Series
□□□
Option
T□
Taping
□□□
Capacitance
□
Capacitance Tolerance
□:Capacitance Tolerance **:Taping
・Thin coating makes it suitable for automatic insertion.
Foil Winding Type : Standard
◆DIMENSIONS
(mm)
POLYESTER FILM CAPACITORS
F2D
SERIES
F2D
0.00047
0.00056
0.00068
0.00082
0.001
0.0012
0.0015
0.0018
0.0022
0.0027
0.0033
0.0039
0.0047
0.0056
0.0068
0.0082
0.01
0.012
0.015
0.018
0.022
0.027
0.033
0.039
0.047
0.056
0.068
0.082
0.1
0.12
0.15
0.18
0.22
0.27
0.33
0.39
0.47
3.5±0.5
3.5±0.5
3.5±0.5
3.5±0.5
3.5±0.5
3.5±0.5
3.5±0.5
3.5±0.5
3.5±0.5
3.5±0.5
3.5±0.5
3.5±0.5
3.5±0.5
3.5±0.5
3.5±0.5
3.5±0.5
3.5±0.5
3.5±0.5
3.5±0.5
3.5±0.5
3.5±0.5
3.5±0.5
3.5±0.5
5.0±1.0
5.0±1.0
5.0±1.0
5.0±1.0
5.0±1.0
5.0±1.0
5.0±1.0
5.0±1.0
7.5±1.5
7.5±1.5
7.5±1.5
7.5±1.5
7.5±1.5
7.5±1.5
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.6
0.6
0.6
0.6
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
100
100
100
10,000
10,000
10,000
10,000
10,000
10,000
10,000
10,000
10,000
10,000
10,000
10,000
10,000
10,000
10,000
10,000
8,000
8,000
8,000
8,000
8,000
5,000
5,000
5,000
4,000
4,000
4,000
3,000
3,000
3,000
2,000
2,000
2,000
2,000
1,500
1,000
1,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
2,500
2,500
2,500
2,500
2,500
2,500
2,000
2,000
2,000
2,000
1,500
1,500
1,500
1,500
1,000
1,000
1,000
−
−
−
−
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
2,500
2,500
2,500
2,500
2,500
2,500
2,500
2,000
2,000
2,000
1,500
1,500
1,500
1,500
1,000
1,000
1,000
−
−
−
−
50F2D471□**
50F2D561□**
50F2D681□**
50F2D821□**
50F2D102□**
50F2D122□**
50F2D152□**
50F2D182□**
50F2D222□**
50F2D272□**
50F2D332□**
50F2D392□**
50F2D472□**
50F2D562□**
50F2D682□**
50F2D822□**
50F2D103□**
50F2D123□**
50F2D153□**
50F2D183□**
50F2D223□**
50F2D273□**
50F2D333□**
50F2D393□**
50F2D473□**
50F2D563□**
50F2D683□**
50F2D823□**
50F2D104□**
50F2D124□**
50F2D154□**
50F2D184□**
50F2D224□**
50F2D274□**
50F2D334□**
50F2D394□**
50F2D474□**
6.0
6.0
6.0
6.0
6.0
6.0
6.0
6.0
6.0
6.0
6.0
6.0
6.0
6.0
6.0
6.0
6.5
6.5
6.5
6.5
7.0
7.0
7.0
7.5
8.0
8.0
8.0
8.5
9.0
9.0
9.5
10.5
11.5
11.5
13.0
13.5
14.5
3.0
3.0
3.0
3.0
3.0
3.0
3.0
3.0
3.0
3.0
3.0
3.0
3.5
3.0
3.0
3.0
3.5
3.0
3.0
3.0
4.0
4.0
4.0
4.0
5.0
4.5
5.0
5.0
6.0
5.5
6.5
7.0
7.0
7.0
7.5
8.0
9.0
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
8.5
8.5
8.5
9.5
9.5
9.5
9.5
10.0
10.5
10.5
10.5
11.5
12.0
12.0
12.5
12.5
14.0
15.0
15.0
16.0
B max
φd±0.05
A max
F
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
1,000
500
500
500
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
RoHS
compliance


Similar Part No. - F2D_SERIES

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
F2D-24-R MSYSTEM-F2D-24-R Datasheet
99Kb / 3P
Super-mini Signal Conditioners F2 Series
F2D-24-R/Q MSYSTEM-F2D-24-R/Q Datasheet
99Kb / 3P
Super-mini Signal Conditioners F2 Series
logo
Bel Fuse Inc.
F2D1-2012A BEL-F2D1-2012A Datasheet
1Mb / 6P
HIGH CURRENT POWER INDUCTORS
12/01/2024
F2D1-2012A-100MC BEL-F2D1-2012A-100MC Datasheet
1Mb / 6P
HIGH CURRENT POWER INDUCTORS
12/01/2024
F2D1-2012A-150MC BEL-F2D1-2012A-150MC Datasheet
1Mb / 6P
HIGH CURRENT POWER INDUCTORS
12/01/2024
More results

Similar Description - F2D_SERIES

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
F2D RUBYCON-F2D Datasheet
71Kb / 3P
POLYESTER FILM CAPACITORS
logo
List of Unclassifed Man...
DMM1P15K-F ETC2-DMM1P15K-F Datasheet
205Kb / 2P
Polyester Film Capacitors
DMMAAS47K-F ETC2-DMMAAS47K-F Datasheet
184Kb / 2P
Polyester Film Capacitors
DMT1D1K-F ETC2-DMT1D1K-F Datasheet
375Kb / 3P
Polyester Film Capacitors
logo
Cornell Dubilier Electr...
MMP1P15K-F CDE-MMP1P15K-F Datasheet
207Kb / 2P
Polyester Film Capacitors
WMF05S82K-F CDE-WMF05S82K-F Datasheet
185Kb / 2P
Polyester Film Capacitors
logo
MERITEK ELECTRONICS COR...
PEI MERITEK-PEI Datasheet
122Kb / 1P
Polyester Film Capacitors
PEN MERITEK-PEN Datasheet
106Kb / 1P
Polyester Film Capacitors
logo
RUBYCON CORPORATION
F2D RUBYCON-F2D_15 Datasheet
188Kb / 2P
POLYESTER FILM CAPACITORS
logo
Cornell Dubilier Electr...
WMF CDE-WMF_18 Datasheet
270Kb / 4P
Polyester Film Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com