Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM129 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM129
Description  Precision Reference
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM129 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM129 Datasheet HTML 1Page - National Semiconductor (TI) LM129 Datasheet HTML 2Page - National Semiconductor (TI) LM129 Datasheet HTML 3Page - National Semiconductor (TI) LM129 Datasheet HTML 4Page - National Semiconductor (TI) LM129 Datasheet HTML 5Page - National Semiconductor (TI) LM129 Datasheet HTML 6Page - National Semiconductor (TI) LM129 Datasheet HTML 7Page - National Semiconductor (TI) LM129 Datasheet HTML 8Page - National Semiconductor (TI) LM129 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
LM129/LM329
Precision Reference
General Description
The LM129 and LM329 family are precision multi-current
temperature-compensated 6.9V zener references with dy-
namic impedances a factor of 10 to 100 less than discrete di-
odes. Constructed in a single silicon chip, the LM129 uses
active circuitry to buffer the internal zener allowing the de-
vice to operate over a 0.5 mA to 15 mA range with virtually
no change in performance. The LM129 and LM329 are avail-
able with selected temperature coefficients of 0.001, 0.002,
0.005 and 0.01%/˚C. These references also have excellent
long term stability and low noise.
A new subsurface breakdown zener used in the LM129 gives
lower noise and better long-term stability than conventional
IC zeners. Further the zener and temperature compensating
transistor are made by a planar process so they are immune
to problems that plague ordinary zeners. For example, there
is virtually no voltage shift in zener voltage due to tempera-
ture cycling and the device is insensitive to stress on the
leads.
The LM129 can be used in place of conventional zeners with
improved performance. The low dynamic impedance simpli-
fies biasing and the wide operating current allows the re-
placement of many zener types.
The LM129 is packaged in a 2-lead TO-46 package and is
rated for operation over a −55˚C to +125˚C temperature
range. The LM329 for operation over 0˚C to 70˚C is available
in both a hermetic TO-46 package and a TO-92 epoxy pack-
age.
Features
n
0.6 mA to 15 mA operating current
n
0.6
Ω dynamic impedance at any current
n
Available with temperature coefficients of 0.001%/˚C
n
7µV wideband noise
n
5% initial tolerance
n
0.002% long term stability
n
Low cost
n
Subsurface zener
Connection Diagrams
Metal Can Package (T0–46)
DS005714-6
Pin 2 is electrically connected to case
Bottom View
Order Number LM129AH, LM129AH/883, LM129BH,
LM129BH/883, LM129CH, LM329AH, LM329BH,
LM329CH or LM329DH
See NS Package H02A
Plastic Package (TO-92)
DS005714-4
Bottom View
Order Number LM329BZ,
LM329CZ or LM329DZ
See NS Package Z03A
March 2000
© 2000 National Semiconductor Corporation
DS005714
www.national.com


Similar Part No. - LM129

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LM129 LINER-LM129 Datasheet
179Kb / 4P
6.9V Precision Voltage Reference
LM129 LINER-LM129 Datasheet
125Kb / 4P
6.9V Precision Voltage Reference
LM129 LINER-LM129 Datasheet
166Kb / 8P
6.9V Precision Voltage Reference
logo
National Semiconductor ...
LM1290 NSC-LM1290 Datasheet
176Kb / 9P
Autosync Horizontal Deflection Processor
LM1290N NSC-LM1290N Datasheet
176Kb / 9P
Autosync Horizontal Deflection Processor
More results

Similar Description - LM129

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LM199 LINER-LM199 Datasheet
296Kb / 5P
Precision Reference
LT1021DCS8 LINER-LT1021DCS8 Datasheet
218Kb / 3P
Precision Reference?
LT1021 LINER-LT1021_05 Datasheet
228Kb / 16P
Precision Reference
logo
National Semiconductor ...
LM199 NSC-LM199_05 Datasheet
651Kb / 10P
Precision Reference
LM329 NSC-LM329_08 Datasheet
197Kb / 8P
Precision Reference
logo
Linear Technology
LM199 LINER-LM199_1 Datasheet
141Kb / 8P
Precision Reference
logo
Linear Dimensions Semic...
LT1021DCN8-10 LINEAR_DIMENSIONS-LT1021DCN8-10 Datasheet
238Kb / 16P
Precision Reference
LT1236ACS8-5PBF LINEAR_DIMENSIONS-LT1236ACS8-5PBF Datasheet
230Kb / 12P
Precision Reference
logo
Linear Technology
LM399 LINER-LM399_15 Datasheet
171Kb / 8P
Precision Reference
LT1236 LINER-LT1236_15 Datasheet
230Kb / 12P
Precision Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com