Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1021AARQZ-R Datasheet(PDF) 5 Page - ON Semiconductor

Part # ADM1021AARQZ-R
Description  Low Cost Microprocessor System Temperature Monitor Microcomputer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADM1021AARQZ-R Datasheet(HTML) 5 Page - ON Semiconductor

  ADM1021AARQZ-R Datasheet HTML 1Page - ON Semiconductor ADM1021AARQZ-R Datasheet HTML 2Page - ON Semiconductor ADM1021AARQZ-R Datasheet HTML 3Page - ON Semiconductor ADM1021AARQZ-R Datasheet HTML 4Page - ON Semiconductor ADM1021AARQZ-R Datasheet HTML 5Page - ON Semiconductor ADM1021AARQZ-R Datasheet HTML 6Page - ON Semiconductor ADM1021AARQZ-R Datasheet HTML 7Page - ON Semiconductor ADM1021AARQZ-R Datasheet HTML 8Page - ON Semiconductor ADM1021AARQZ-R Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ADM1021A
http://onsemi.com
5
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 3. Temperature Error vs. PC Board Track
Resistance
Figure 4. Temperature Error vs. Power Supply
Noise Frequency
Figure 5. Temperature Error vs. Common-mode
Noise Frequency
Figure 6. Temperature Error vs. Pentium) III
Temperature
LEAKAGE RESISTANCE (MW)
1
−30
D+ To VDD
D+ To GND
10
100
−25
−20
−10
15
20
0
5
−15
−5
10
FREQUENCY (Hz)
100
0
250 mV p-p REMOTE
1k
10k
100k
1M
10M
100M
1
2
3
4
5
100 mV p-p REMOTE
FREQUENCY (Hz)
1
0
100 mV p-p
10
100
1k
10k 100k 1M 10M 100M
0
1
2
3
4
5
6
7
8
9
50 mV p-p
25 mV p-p
CAPACITANCE (nF)
2
−2
4
6
8 101214 16 1820 2224
0
2
4
6
8
10
12
14
SCLK FREQUENCY (kHz)
1
0
5
10 25 50 75 100 250 500 750 1000
10
20
30
40
50
60
70
VDD = 3.3 V
VDD = 5 V
TEMPERATURE (C)
50
−3
UPPER SPEC LEVEL
60
70
80
90
100
110
120
−2
−1
0
1
2
3
DEV10
LOWER SPEC LEVEL
Figure 7. Temperature Error vs. Capacitance
between D+ and D−
Figure 8. Standby Supply Current vs. Clock
Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com