Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QTLP652C-R Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # QTLP652C-R
Description  SURFACE MOUNT LED LAMP SUPER BRIGHT 1206 (Reverse Mount)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

QTLP652C-R Datasheet(HTML) 6 Page - Fairchild Semiconductor

  QTLP652C-R Datasheet HTML 1Page - Fairchild Semiconductor QTLP652C-R Datasheet HTML 2Page - Fairchild Semiconductor QTLP652C-R Datasheet HTML 3Page - Fairchild Semiconductor QTLP652C-R Datasheet HTML 4Page - Fairchild Semiconductor QTLP652C-R Datasheet HTML 5Page - Fairchild Semiconductor QTLP652C-R Datasheet HTML 6Page - Fairchild Semiconductor QTLP652C-R Datasheet HTML 7Page - Fairchild Semiconductor QTLP652C-R Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
60 - 120 sec
Preheating
+5° C/s MAX
-5° C/s MAX
120 - 150° C MAX
5 sec MAX
soldering time
240° C MAX
0.063 (1.6)
0.063 (1.6)
0.071 (1.8)
0.063 (1.6)
RECOMMENDED PRINTED CIRCUIT BOARD PATTERN
RECOMMENDED IR REFLOW SOLDERING PROFILE
SURFACE MOUNT LED LAMP
SUPER BRIGHT 1206 (Reverse Mount)
QTLP652C-R Red
QTLP652C-E Orange
QTLP652C-O Yellow-Orange
QTLP652C-Y Yellow
QTLP652C-AG Yellow-Green
QTLP652C-IG True Green
QTLP652C-IB Blue
www.fairchildsemi.com
6 OF 8
8/30/01
DS300105



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com