Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PHV-5R4H255-R Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # PHV-5R4H255-R
Description  Supercapacitors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

PHV-5R4H255-R Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  PHV-5R4H255-R Datasheet HTML 1Page - Cooper Bussmann, Inc. PHV-5R4H255-R Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Description
Cooper Bussmann PowerStor supercapacitors are unique, ultra-high
capacitance devices utilizing electrochemical double layer capacitor (EDLC)
construction combined with new, high performance materials. This
combination of advanced technologies allows Cooper Bussmann to offer a
wide variety of capacitor solutions tailored to specific applications that range
from a few micro-amps for several days to several amps for milliseconds.
Features & Benefits
Applications
• Large capacitance for high
• Pulse Power
energy density
• Bridging or hold-up power
• Ultra Low ESR for high power density
Supercapacitors
PHV Series
Specifications
Working Voltage (Maximum)
5.4V
Surge Voltage
6.0V
Nominal Capacitance Range
0.5F to 5F
Capacitance Tolerance
-10% to +30% (20°C)
Operating Temperature Range
-40°C to 65°C
Extended Operating Temperature Range
-40°C to 85°C (with linear voltage derating to 4.0V @ 85°C)
Standard Product
Maximum ESR (
Ω)
Nominal
(Equivalent Series Resistance)
Leakage Current (µA)
Nominal
Part Number
Measured @
After 100 Hrs.
Nominal
Typical Mass
Capacitance (F)
Vertical
Horizontal
1kHz
100Hz
@ 5V, 20°C
Dimensions (mm)
(grams/piece)
0.5
PHV-5R4V474-R
PHV-5R4H474-R
0.300
0.40
13
8.5 x 16.8 x 14.0
2.6
1.5
PHV-5R4V155-R
PHV-5R4H155-R
0.120
0.16
18
8.5 x 16.8 x 21.5
3.0
2.5
PHV-5R4V255-R
PHV-5R4H255-R
0.075
0.08
24
10.5 x 20.8 x 22.5
4.5
3.0
PHV-5R4V305-R
PHV-5R4H305-R
0.075
0.08
25
8.5 x 16.8 x 31.5
4.8
5.0
PHV-5R4V505-R
PHV-5R4H505-R
0.065
0.07
28
10.5 x 20.8 x 32
6.8
Performance
Capacitance Change
ESR
Parameter
(% of initial specified value)
(% of initial specified value)
Life (1000 hrs @ 65°C @ 5.4Vdc)
< 30 %
< 200 %
Storage - Low and High Temperature
(1000 hrs @ -40°C and 85°C)
< 30 %
< 200 %
Pb
HALOGEN
HF
FREE
0813
BU-SB13841
Page 1 of 2
Data Sheet: 4403
Leaded Cylindrical Device


Similar Part No. - PHV-5R4H255-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PHV-5R4H255-R ETC2-PHV-5R4H255-R Datasheet
242Kb / 2P
Supercapacitors
logo
Eaton All Rights Reserv...
PHV-5R4H255-R EATON-PHV-5R4H255-R Datasheet
415Kb / 3P
Cylindrical pack
More results

Similar Description - PHV-5R4H255-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A0820-2R5474-R ETC2-A0820-2R5474-R Datasheet
178Kb / 2P
Supercapacitors
logo
Cooper Bussmann, Inc.
M0810-2R5105-R COOPER-M0810-2R5105-R Datasheet
253Kb / 2P
Supercapacitors
B0510-2R5224-R COOPER-B0510-2R5224-R Datasheet
250Kb / 2P
Supercapacitors
PHB-5R0V155-R COOPER-PHB-5R0V155-R Datasheet
239Kb / 2P
Supercapacitors
PA-5R0H474-R COOPER-PA-5R0H474-R Datasheet
245Kb / 2P
Supercapacitors
PB-5R0H105-R COOPER-PB-5R0H105-R Datasheet
254Kb / 2P
Supercapacitors
logo
List of Unclassifed Man...
PHV-5R4H155-R ETC2-PHV-5R4H155-R Datasheet
242Kb / 2P
Supercapacitors
logo
Cooper Bussmann, Inc.
A_SERIES COOPER-A_SERIES Datasheet
105Kb / 2P
Supercapacitors
PM-5R0V474-R COOPER-PM-5R0V474-R Datasheet
246Kb / 2P
Supercapacitors
logo
Kemet Corporation
FM-SERIES KEMET-FM-SERIES Datasheet
560Kb / 17P
Supercapacitors
12/16/2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com