Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REG104FA Datasheet(PDF) 2 Page - Texas Instruments

Part # REG104FA
Description  DMOS 1A Low-Dropout Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REG104FA Datasheet(HTML) 2 Page - Texas Instruments

  REG104FA Datasheet HTML 1Page - Texas Instruments REG104FA Datasheet HTML 2Page - Texas Instruments REG104FA Datasheet HTML 3Page - Texas Instruments REG104FA Datasheet HTML 4Page - Texas Instruments REG104FA Datasheet HTML 5Page - Texas Instruments REG104FA Datasheet HTML 6Page - Texas Instruments REG104FA Datasheet HTML 7Page - Texas Instruments REG104FA Datasheet HTML 8Page - Texas Instruments REG104FA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
SBVS025G
REG104
2
ABSOLUTE MAXIMUM RATINGS(1)
Supply Input Voltage, VIN ....................................................... –0.3V to 16V
Enable Input Voltage, VEN ....................................................... –0.3V to VIN
Feedback Voltage, VFB ........................................................ –0.3V to 6.0V
NR Pin Voltage, VNR ............................................................. –0.3V to 6.0V
Output Short-Circuit Duration ...................................................... Indefinite
Operating Temperature Range ....................................... –55
°C to +125°C
Storage Temperature Range .......................................... –65
°C to +150°C
Junction Temperature ..................................................... –55
°C to +150°C
Lead Temperature (soldering, 3s, SOT, and DDPAK) ................... +240
°C
ESD Rating: HBM (VOUT to GND) ..................................................... 1.5kV
HBM (All other pins) ........................................................ 2kV
CDM .............................................................................. 500V
NOTE: (1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods may degrade
device reliability.
PIN CONFIGURATIONS
Top View
NOTE: (1) For REG104A-A: voltage setting resistor pin.
All other models: noise reduction capacitor pin.
Gnd
Enable
V
IN
NR/Adjust(1)
V
O
123 4 5
DDPAK-5
SOT223-5
(KTT Package)
(DCQ Package)
Tab is Gnd
Tab is Gnd
Enable
NR/Adjust(1)
Gnd
V
IN
12
3
4
5
V
OUT
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas Instru-
ments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may be
more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.
PACKAGE/ORDERING INFORMATION(1)
PRODUCT
VOUT
REG104xx-
yyyy/zzz
XX is package designator.
YYYY is typical output voltage (5 = 5.0V, 2.85 = 2.85V, A = Adjustable).
ZZZ is package quantity.
(1) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI website at www.ti.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com