Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C515-3-R Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # C515-3-R
Description  5 x 15mm Axial-Leaded, Time-Delay, Glass Tube Fuses
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

C515-3-R Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  C515-3-R Datasheet HTML 1Page - Cooper Bussmann, Inc. C515-3-R Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Description
• Axial-leaded, time-delay
• 5 x 15mm physical size
• Nickel-plated brass endcap construction
• Leads are tin coated
• Optional sleeve is flexible flouropolymer
(UL Flammability rating VW-1).
• UL Listed product meets standard UL 248-14
Agency Information
• UL Listed Card: C515 125mA-250mA and 375mA-3A
(Guide JDYX, File E19180)
• UL Recognized Card: C515 350mA, and 3.5A-7A
(Guide JDYX2, File E19180)
• CSA Certification Card: C515 125mA-250mA and
375mA-3A (Class 1422-01, 53787
Ordering
Specify product code
• Insert packaging code prefix before part number.
E.g., BK (or TR2)/C515-2-R
• With TR2 packaging code, lead wire length is 20.3mm
Specify option code, if desired
• For insulation sleeve, insert “S” after part series.
E.g., BK/C515S-2-R
Dimensions - mm
Drawing Not to Scale
Specifications
Voltage
Interrupting
Typical DC Cold
Max
Product Code
Rating
Rating (amps)
Resistance*
Typical
Voltage
Vac
600Vac
250Vac
125Vac
(
Ω
Ω)
Melting I2t**
Drop (mV)***
C515-125-R
250
-
35
10000
4.72
0.101
770
C515-250-R
250
-
35
10000
1.32
0.467
430
C515-350-R
250
25
35
10000
1.04
1.169
530
C515-375-R
250
-
35
10000
0.81
1.531
470
C515-500-R
250
-
35
10000
0.54
2.280
440
C515-600-R
250
-
35
10000
0.38
6.982
350
C515-750-R
250
-
35
10000
0.26
9.162
310
C515-800-R
250
-
35
10000
0.23
10.544
260
C515-1-R
250
-
35
10000
0.14
14.289
230
C515-1.25-R
250
-
100
10000
0.13
22.961
220
C515-1.5-R
250
-
100
10000
0.100
31.989
240
C515-1.6-R
250
-
100
10000
0.090
35.156
200
C515-2-R
250
-
100
10000
0.059
60.256
170
C515-2.25-R
250
-
100
10000
0.057
97.724
180
C515-2.5-R
250
-
100
10000
0.046
78.163
190
C515-3-R
250
-
100
10000
0.035
80.426
150
C515-3.5-R
125
-
-
400
0.028
149.279
130
C515-4-R
125
-
-
400
0.023
233.346
130
C515-5-R
125
-
-
400
0.019
354.813
150
C515-6-R
125
-
-
400
0.014
471.360
125
C515-7-R
125
-
-
400
0.013
710.500
100
*DC Cold Resistance (Measured at <10% of rated current)
**Typical Melting I2t (A2Sec) (Minimum I2t at 10 times rated current)
***Typical Voltage Drop (Voltage drop was measured at 25°C ambient temperature at rated current)
Electrical Characteristics
Rated Current
Amp Rating
Opening Time
135%
60 minutes max.
125mA - 250mA
200%
3 seconds min.
120 seconds max.
100%
4 hours min.
470mA
30 minutes max.
350mA
600mA
90 seconds max.
2A
2 seconds max.
6A
500 milliseconds max.
135%
60 minutes max.
375mA - 7A
200%
3 seconds min.
120 seconds max.
5 x 15mm Axial-Leaded, Time-Delay, Glass Tube Fuses
C515 Series
1009
BU-SB09716
Page 1 of 2
Data Sheet 2006


Similar Part No. - C515-3-R

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
C515-3-R EATON-C515-3-R Datasheet
216Kb / 2P
5 mm x 15 mm Axial-leaded, time-delay, glass tube fuses
More results

Similar Description - C515-3-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
S506-4-R COOPER-S506-4-R Datasheet
304Kb / 2P
5 x 20mm Fuses S506 Series, Time-Delay, Glass Tube
GMC-600-R COOPER-GMC-600-R Datasheet
275Kb / 2P
5 x 20mm Medium Time-Delay Glass Tube Fuses
S506-2-R COOPER-S506-2-R Datasheet
304Kb / 2P
5 x 20mm Fuses S506 Series, Time-Delay, Glass Tube
BK-GMD-200MA COOPER-BK-GMD-200MA Datasheet
447Kb / 2P
5 x 20mm Fuses GMD Series,Time-Delay, Glass Tube
BK-MDL-3 COOPER-BK-MDL-3 Datasheet
267Kb / 2P
Time-Delay, Glass Tube Fuses
C520-100-R COOPER-C520-100-R Datasheet
213Kb / 2P
5 x 15mm Glass Tube Fuses
C519-125-R COOPER-C519-125-R Datasheet
293Kb / 2P
5 x 15mm Time-Delay Glass Tube Fuses
logo
Eaton All Rights Reserv...
C515 EATON-C515 Datasheet
216Kb / 2P
5 mm x 15 mm Axial-leaded, time-delay, glass tube fuses
GMD EATON-GMD Datasheet
2Mb / 2P
5 mm x 20 mm Time-delay glass tube fuses
S506 EATON-S506 Datasheet
489Kb / 2P
5 mm x 20 mm Time-delay glass tube fuses
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com