Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCS642NN Datasheet(PDF) 9 Page - Copal Electronics

Part # MCS642NN
Description  Sub-miniature Slide Switches
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

MCS642NN Datasheet(HTML) 9 Page - Copal Electronics

  MCS642NN Datasheet HTML 1Page - Copal Electronics MCS642NN Datasheet HTML 2Page - Copal Electronics MCS642NN Datasheet HTML 3Page - Copal Electronics MCS642NN Datasheet HTML 4Page - Copal Electronics MCS642NN Datasheet HTML 5Page - Copal Electronics MCS642NN Datasheet HTML 6Page - Copal Electronics MCS642NN Datasheet HTML 7Page - Copal Electronics MCS642NN Datasheet HTML 8Page - Copal Electronics MCS642NN Datasheet HTML 9Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Circuit arrangement
Circuit diagram
No. of
terminals
Pos.A
Pos.B
Pos.C
20
ON
ON
ON
(C1)
−(1)
(C2)
(C3)
−(4)
(C4)
(C5)
−(7)
(C6)
(C7)
−(10)
(C8)
(C1)
−(2)
(C2)
(C3)
−(5)
(C4)
(C5)
−(8)
(C6)
(C7)
−(11)
(C8)
(C1)
−(3)
(C2)
(C3)
−(6)
(C4)
(C5)
−(9)
(C6)
(C7)
−(12)
(C8)
Circuit arrangement
Circuit diagram
No. of
terminals
Pos.A
Pos.B
Pos.C
Pos.C
24
ON
ON
ON
ON
(C1)
−(1)
(C2)
(C3)
−(5)
(C4)
(C5)
−(9)
(C6)
(C7)
−(13)
(C8)
(C1)
−(2)
(C2)
(C3)
−(6)
(C4)
(C5)
−(10)
(C6)
(C7)
−(14)
(C8)
(C1)
−(3)
(C2)
(C3)
−(7)
(C4)
(C5)
−(11)
(C6)
(C7)
−(15)
(C8)
(C1)
−(4)
(C2)
(C3)
−(8)
(C4)
(C5)
−(12)
(C6)
(C7)
−(16)
(C8)
●Rating : DC30V 0.3A
●Operating force :
(A)
⇒
(B)
、
(C)
⇒
(B)
1.76±0.78N
(B)
⇒
(A)
、
(B)
⇒
(C)
2.25±0.98N
MCS
Circuit arrangement Circuit diagram
No. of
terminals
Pos.A
Pos.B
18
ON
ON
(C1)−(1)
(C2)−(3)
(C3)−(5)
(C4)−(7)
(C5)−(9)
(C6)−(11)
(C1)−(2)
(C2)−(4)
(C3)−(6)
(C4)−(7)
(C5)−(10)
(C6)−(12)
■PC Hole Layouts
  
(Top view)
■PC Hole Layouts
  
(Top view)
■PC Hole Layouts
  
(Top view)
●Rating : DC30V 0.3A
●Operating force : 2.45±0.98N
●Rating : DC50V 0.3A
●Operating force : 3.92±0.98N
Non-shorting
Non-shorting
Non-shorting
★MCS622N-2011
★MCS431PA-2010
★MCS442NN-1016
★:Made to order products.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com