Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

596DM2LP11000 Datasheet(PDF) 1 Page - ETRI

Part # 596DM2LP11000
Description  DC Centrifugal Blowers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETRI [ETRI]
Direct Link  http://www.etrinet.com
Logo ETRI - ETRI

596DM2LP11000 Datasheet(HTML) 1 Page - ETRI

  596DM2LP11000 Datasheet HTML 1Page - ETRI  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DC Centrifugal Blowers
Non contractual document. Specifications are subject to change without prior notice. Pictures for information only. Edition
2016
http://www.etrinet.com
e-mail: info@etrinet.com
ETRI is a trademark of ECOFIT
L-10 LIFE AT 40°C:
25 000 hours
Life expectancy
Approvals
Brushless DC Motor
Electrical protection: integrated circuit
Housing material:
material: plastic UL 94 V0
Maximum weight: 325 g
Bearing system: ball bearings
plastic UL 94 V0
Impeller
Connection: flying leads
IP 20
Available with:
- Speed sensor
- Alarm
Part Number
Nominal voltage
Airflow
Nominal speed
Noise level
Input Power
Voltage range
Operating temperature
V
l/s
dB(A)
RPM
W
V
Min.°C
Max.°C
596DL1LP11000
12
9,2
42,5
1700
2,9
(7-13,8)
-10
60
596DL2LP11000
24
9,2
42,5
1700
3,1
(14-28)
-10
60
596DL4LP11000
48
9,2
42,5
1700
3,8
(38-56)
-10
60
596DM1LP11000
12
11,2
46,0
2000
5,0
(7-13,8)
-10
60
596DM2LP11000
24
11,2
46,0
2000
5,5
(14-28)
-10
60
596DM4LP11000
48
11,2
46,0
2000
5,8
(38-56)
-10
60
596DH1LP11000
12
12,8
51,5
2300
8,2
(7-13,8)
-10
60
596DH2LP11000
24
12,8
51,5
2300
8,2
(14-28)
-10
60
R
Airflow: l/s
Airflow: l/s
Airflow: CFM
Airflow: CFM
596DL
596DM
596DH
596D
Series
Air
Ø52.8
3 x
4.5±0.3
Ø
125
104.8±0.3
50.4
30.8±0.3
10
320±10
34.5±0.5
126 x 125 x 34,5 mm
4,96’’ x 4,92
’
’’ x 1,36’


Similar Part No. - 596DM2LP11000

ManufacturerPart #DatasheetDescription
logo
ETRI
596DM2LP11000 ETRI-596DM2LP11000 Datasheet
165Kb / 1P
DC Centrifugal Blowers
More results

Similar Description - 596DM2LP11000

ManufacturerPart #DatasheetDescription
logo
ETRI
591DL1LP11000 ETRI-591DL1LP11000 Datasheet
123Kb / 1P
DC Centrifugal Blowers
593DL5LP11000 ETRI-593DL5LP11000 Datasheet
171Kb / 1P
DC Centrifugal Blowers
595DL1LP11000 ETRI-595DL1LP11000 Datasheet
183Kb / 1P
DC Centrifugal Blowers
596DL1LP11000 ETRI-596DL1LP11000 Datasheet
165Kb / 1P
DC Centrifugal Blowers
598DL1LP11000 ETRI-598DL1LP11000 Datasheet
116Kb / 1P
DC Centrifugal Blowers
599DL1LP11000 ETRI-599DL1LP11000 Datasheet
147Kb / 1P
DC Centrifugal Blowers
599DL1LP11000 ETRI-599DL1LP11000_16 Datasheet
306Kb / 1P
DC Centrifugal Blowers
595DL1LP11000 ETRI-595DL1LP11000_16 Datasheet
329Kb / 1P
DC Centrifugal Blowers
593DL5LP11000 ETRI-593DL5LP11000_16 Datasheet
357Kb / 1P
DC Centrifugal Blowers
591DL1LP11000 ETRI-591DL1LP11000_16 Datasheet
159Kb / 1P
DC Centrifugal Blowers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com