Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC14425 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC14425
Description  Complete Baseband processor for DECT Base Stations with Caller-id and Handsfree
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC14425 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  SC14425 Datasheet HTML 1Page - National Semiconductor (TI) SC14425 Datasheet HTML 2Page - National Semiconductor (TI) SC14425 Datasheet HTML 3Page - National Semiconductor (TI) SC14425 Datasheet HTML 4Page - National Semiconductor (TI) SC14425 Datasheet HTML 5Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Copyright 2000 National Semiconductor Corp.
1
www.national.com
SC14425
Complete Baseband processor for DECT Base Stations
with Caller-id and Handsfree
General Description
The SC14425SC14425 is a 3.3 Volt CMOS IC optimized
to handle all the audio, signal and data processing needed
within a DECT base station. An ADPCM transcoder, a
very low power 14 bit Codec and Analog Frontend are in-
tegrated. Direct connections towards analog or ISDN line
interface.
The SC14425 has an on-chip dedicated flexible DSP op-
timized for telecom applications caller-id, handsfree and
allows easy connection to digital telephone answering
machine devices.
The SC14425 is designed to be compatible with many
radio interfaces. A dedicated TDMA controller handles all
physical layer slot formats and radio control. The integrat-
ed National Semiconductor’s standard CR16B processor
core takes care of all the higher protocol stack. Program-
mable I/O ports can be configured as chip selects for I/O
expanders, Serial Flashes, interrupt source or I/O. A dig-
ital serial interface can be configured to interface to indus-
try-standard c odecs and ISDN devices with
µ-Law, a-Law,
linear or transparent data formats.
Features
n Integrated DECT base band transceiver optimized for
GAP base stations according to ETS 300 175-2,3 & 8.
n 2.7 to 3.3 Volt operating voltage.
n Embedded 16 bit CompactRISCTM CR16B Microproc-
essor with In System Emulation (ISE) mode.
n On-chip 6kByte Data Memory.
n Embedded flexible dedicated DSP executing Caller-id
(CID), Caller-id on Call Waiting (CIDCW) and hands-
free, two echo cancellers, two echo suppressors, ex-
tended DTMF detection, DTMF generation, sidetone
and artificial echo loss.
n Two full duplex 32 kbits/sec ADPCM transcoder.
n On-chip Dedicated Instruction Processor (DiP) for all
TDMA based events, which supports 1.152MHz,
0.576MHz and 0.288MHz data rates.
n Protected and unprotected full and double slot B-fields
n Standard DECT encryption with different keys for
different MAC-connections.
n At least 6 MAC connections can be handled simultane-
ously.
n Flexible three wire interface to radio front synthesizer.
n One 14-bit linear CODEC with programmable gain
n Peak hold ADC for RSSI measurement
n Two input 8 bit successive approximation ADC.
n Three general purpose I/O ports with programmable in-
terrupts
n Full duplex UART, SPITM and MICROWIRETM interface.
n Flexible 8 kHz synchronous Serial interface to external
codecs and ISDN interface circuits.
n Two general purpose timers and watch dog timer.
n Programmable chip selects to 8 bit wide ROM, SRAM
NAND Flash Memory and I/O expanders.
n Two Capture timers for frequency measurement for
e.g. metering, ringing and call progress tone detection.
n 100 pin TQFP-100 package.
Note 1:
CompactRISC
TM is a trademark of National Semiconductor Cor-
poration,
SPITM is a trademark of Motorola.
________________________________________________________________________________________________
System Diagram
sc14404
ISDN or
Data
Interface
PSTN
Interface
PSTN
Interface
sc14425
CID
Handsfree
ISDN
PSTN1
PSTN2
sc14404
sc14404
sc14404
sc14404
PRELIMINARY
FEBRUARY 2000


Similar Part No. - SC14425

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
SC14422 NSC-SC14422 Datasheet
82Kb / 7P
Complete Baseband Processor for DECT Base Stations
SC14422RVJG NSC-SC14422RVJG Datasheet
82Kb / 7P
Complete Baseband Processor for DECT Base Stations
SC14422VJG NSC-SC14422VJG Datasheet
82Kb / 7P
Complete Baseband Processor for DECT Base Stations
SC14428 NSC-SC14428 Datasheet
113Kb / 6P
Baseband Processor for FP & PP DECT and WDCT
More results

Similar Description - SC14425

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
SC14402 NSC-SC14402 Datasheet
78Kb / 7P
Complete Baseband Processor for DECT Handsets
SC14422 NSC-SC14422 Datasheet
82Kb / 7P
Complete Baseband Processor for DECT Base Stations
logo
NXP Semiconductors
PCD5090 PHILIPS-PCD5090 Datasheet
95Kb / 16P
DECT baseband controllers
1996 Oct 17
PCD5092 PHILIPS-PCD5092 Datasheet
85Kb / 16P
DECT baseband controller
1997 Jul 21
PCD5094 PHILIPS-PCD5094 Datasheet
85Kb / 16P
DECT baseband controller
1997 Jul 21
PCD5095 PHILIPS-PCD5095 Datasheet
83Kb / 16P
DECT baseband controller
1997 Nov 19
logo
National Semiconductor ...
SC14404 NSC-SC14404 Datasheet
175Kb / 6P
Complete Baseband Processor for DECT Handsets
SC14428 NSC-SC14428 Datasheet
113Kb / 6P
Baseband Processor for FP & PP DECT and WDCT
SC14408 NSC-SC14408 Datasheet
95Kb / 5P
Complete Baseband Processor for DECT Handsets
SC14405 NSC-SC14405 Datasheet
118Kb / 5P
Complete Baseband Processor for DECT Handsets with onchip Flash and LCD controller
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com