Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPS253-M Datasheet(PDF) 2 Page - Artesyn Technologies

Part # CPS253-M
Description  250 Watt AC-DC Power Supplies
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

CPS253-M Datasheet(HTML) 2 Page - Artesyn Technologies

  CPS253-M Datasheet HTML 1Page - Artesyn Technologies CPS253-M Datasheet HTML 2Page - Artesyn Technologies CPS253-M Datasheet HTML 3Page - Artesyn Technologies CPS253-M Datasheet HTML 4Page - Artesyn Technologies CPS253-M Datasheet HTML 5Page - Artesyn Technologies CPS253-M Datasheet HTML 6Page - Artesyn Technologies CPS253-M Datasheet HTML 7Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
CPS250-M Series Data Sheet
Environmental Specifications
Operating temperature
-20 °C to +70 °C (derate at 50 °C), startup at -40 °C
Storage temperature
-40 °C to +85 °C
Operating humidity
5% to 90% (non-condensing)
Non-operating humidity
5% to 95% (non-condensing)
Maximum altitude
5000 m (3000 m for medical), derating may apply
Other Specifications
Isolation
4000 Vac (input to output)
1500 Vac (input to PE; output to PE)
Line harmonics
61000-3-2, Class A
Conducted EMI*
Level B, CISPR 22 and FCC Part 15
Radiated EMI*
Level B, CISPR 22 and FCC Part 15
Surge immunity
Level 3, 61000-4-5, Criterion A
Medical EMC
60601-1-2, Edition 4 (cover may be required for some tests)
MTBF
(Telcordia, Issue 3, Method 1 Case 3)
> 2.2 MHrs, 25 °C, 155 W Natural Convection, 115 VAC
> 5.1 MHrs, 25 °C, 250 W Forced Air, 115 VAC
Pin Assignments
Connector
Pin Number
Designation
Mating Conectors
J5 (AC Input)
1
3
Mounting Holes
AC Input L1/Line
AC Input L2/Neutral
PE
Molex 09-50-8031 housing with 45570-3000 crimp or
equivalent. Use AWG 20-18 wires.
J0 (DC Output)
1
2
3
4
5
6
Main Output Return
Main Output Return
Main Output Return
Main Output
Main Output
Main Output
Molex 09-50-8061 housing with 45570-3000 crimp or
equivalent. Use AWG 20-18 wires.
BusBar (DC Output)
Applies to 12 V variant only.
1
2
Main Output
Main Output Return
Ring terminal: Tyco 35148 or KST RV3-4 or equivalent.
J2 (Fan Supply)
1
2
Fan Return
Fan Voltage
Cvilux CI0102S0000 housing; CI01T01MPP0 crimp;
AWG 30-24.
J403
Applies to CPS253-M1 only
1
2
3
4
5
5 Vdc Standby
Standby Return
Remote Inhibit
DC OK
VFB (feedback loop pin)
Molex 504193-0500 with 504185-1000 crimp or
equivalent. Use AWG 30-26 wires.
*Applies to Class I input with ground tabs tied to a common ground plane and connected to system ground. Consult Technical Reference Notes for details.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com