Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28W160ECT85N1U Datasheet(PDF) 7 Page - STMicroelectronics

Part # M28W160ECT85N1U
Description  16 Mbit (1Mb x16, Boot Block) 3V Supply Flash Memory
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28W160ECT85N1U Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M28W160ECT85N1U Datasheet HTML 3Page - STMicroelectronics M28W160ECT85N1U Datasheet HTML 4Page - STMicroelectronics M28W160ECT85N1U Datasheet HTML 5Page - STMicroelectronics M28W160ECT85N1U Datasheet HTML 6Page - STMicroelectronics M28W160ECT85N1U Datasheet HTML 7Page - STMicroelectronics M28W160ECT85N1U Datasheet HTML 8Page - STMicroelectronics M28W160ECT85N1U Datasheet HTML 9Page - STMicroelectronics M28W160ECT85N1U Datasheet HTML 10Page - STMicroelectronics M28W160ECT85N1U Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 50 page
background image
7/50
M28W160ECT, M28W160ECB
Figure 4. TFBGA Connections (Top view through package)
Figure 5. Block Addresses
Note: Also see APPENDIX A., Table 23. and Table 24. for a full listing of the Block Addresses.
AI03804
C
B
A
8
7
6
5
4
3
2
1
E
D
F
A4
A7
VPP
A8
A11
A13
A0
E
DQ8
DQ5
DQ14
A16
VSS
DQ0
DQ9
DQ3
DQ6
DQ15
VDDQ
DQ1
DQ10
VDD
DQ7
VSS
DQ2
A2
A5
A17
W
A10
A14
A1
A3
A6
A9
A12
A15
RP
A18
DQ4
DQ13
G
DQ12
DQ11
WP
A19
AI07544
4 KWords
FFFFF
FF000
32 KWords
0FFFF
08000
32 KWords
07FFF
00000
M28W160ECT
Top Boot Block Addresses
4 KWords
F8FFF
F8000
32 KWords
F0000
F7FFF
Total of 8
4 KWord Blocks
Total of 31
32 KWord Blocks
4 KWords
FFFFF
F8000
32 KWords
32 KWords
00FFF
00000
M28W160ECB
Bottom Boot Block Addresses
4 KWords
F7FFF
0FFFF
32 KWords
F0000
08000
Total of 31
32 KWord Blocks
Total of 8
4 KWord Blocks
07FFF
07000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com