Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXA02F36-L Datasheet(PDF) 2 Page - Artesyn Technologies

Part # AXA02F36-L
Description  Total Power: 10 W
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

AXA02F36-L Datasheet(HTML) 2 Page - Artesyn Technologies

  AXA02F36-L Datasheet HTML 1Page - Artesyn Technologies AXA02F36-L Datasheet HTML 2Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AXA Series Data Sheet
For more information: www.artesyn.com/power
For support: productsupport.ep@artesyn.com
www.artesyn.com
WORLDWIDE OFFICES
Americas
2900 S.Diablo Way
Tempe, AZ 85282
USA
+1 888 412 7832
Europe (UK)
Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX
United Kingdom
+44 (0) 1384 842 211
Asia (HK)
14/F, Lu Plaza
2 Wing Yip Street
Kwun Tong, Kowloon
Hong Kong
+852 2176 3333
Artesyn Embedded Technologies, Artesyn and the Artesyn Embedded Technologies logo are trademarks and
service marks of Artesyn Embedded Technologies, Inc. All other names and logos referred to are trade names,
trademarks, or registered trademarks of their respective owners. © 2016 Artesyn Embedded Technologies, Inc.
All rights reserved. For full legal terms and conditions, please visit www.artesyn.com/legal.
AXA10W 14Jun2016
Mechanical Dimensions
Heatsink (Option –HS)
• All dimensions in mm (inches)
• Tolerance: X.X±0.25 (X.XX±0.01)
X.XX±0.13 ( X.XXX±0.005)
• Pin diameter Ø 1.0 ±0.05 (0.04±0.002)
Pin Connections
Pin
Single Output
Dual Output
1
+Vin
+Vin
2
-Vin
-Vin
3
+Vout
+Vout
4
No pin
Common
5
-Vout
-Vout
6
Remote On/Off
Remote On/Off
Ordering Information
Part Number
Input Voltage
Output Voltage
Output Current
Efficiency
Max Output Cap
Power
AXA02F18-L
9 - 36 Vdc
3.3 V
2.2 A
86%
560 µF
7.2 W
AXA02A18-L
9 - 36 Vdc
5 V
2 A
84%
560 µF
10 W
AXA00B18-L
9 - 36 Vdc
12 V
0.83 A
86%
150 µF
10 W
AXA00C18-L
9 - 36 Vdc
15 V
0.66 A
87%
150 µF
10 W
AXA000H18-L
9 - 36 Vdc
24 V
0.41 A
86%
68 µF
10 W
AXA00AA18-L
9 - 36 Vdc
±5 V
±1 A
84%
220 µF
10 W
AXA000BB18-L
9 - 36 Vdc
±12 V
±0.41 A
86%
100 µF
10 W
AXA000CC18-L
9 - 36 Vdc
±15 V
±0.33 A
87%
100 µF
10 W
AXA02F36-L
18 - 75 Vdc
3.3 V
2.2 A
85%
560 µF
7.2 W
AXA02A36-L
18 - 75 Vdc
5 V
2 A
84%
560 µF
10 W
AXA00B36-L
18 - 75 Vdc
12 V
0.83 A
86%
150 µF
10 W
AXA00C36-L
18 - 75 Vdc
15 V
0.66 A
87%
150 µF
10 W
AXA000H36-L
18 - 75 Vdc
24 V
0.41 A
86%
68 µF
10 W
AXA00AA36-L
18 - 75 Vdc
±5 V
±1 A
84%
220 µF
10 W
AXA000BB36-L
18 - 75 Vdc
±12 V
±0.41 A
86%
100 µF
10 W
AXA000CC36-L
18 - 75 Vdc
±15 V
±0.33 A
87%
100 µF
10 W



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com