Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA7812 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # TA7812
Description  isc Three Terminal Positive Voltage Regulator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

TA7812 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  TA7812 Datasheet HTML 1Page - Inchange Semiconductor Company Limited TA7812 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
2
isc Three Terminal Positive Voltage Regulator
TA7812
·
ELECTRICAL CHARACTERISTICS
Tj=25℃ (Vi= 19V, IO=0.5A, Ci= 0.33μF, CO= 0.1μF unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
VO
Output Voltage
Vin=19V; IO=100mA
11.5
12.5
V
VO
Output Voltage
IO=5 mA to 1A;Po≤15W;
Vin=14.5 to 27V;
11.4
12.6
V
△
VV
Line Regulation
14.5V≤Vin≤30V
16V≤Vin≤22V
240
120
mV
△
Vi
Load Regulation
5.0mA≤IO≤1.4 A
250mA≤IO≤750mA
240
120
mV
Ib
Quiescent Current
Vin=19V; IO=5mA
8
mA
△b
Quiescent Current Change
14.5V≤Vin≤30V; IO=5mA
1.0
mA



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com