Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RACD12-LP Datasheet(PDF) 1 Page - Recom International Power

Part # RACD12-LP
Description  Terminal Block Input/Output with Cable Clamps
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RACD12-LP Datasheet(HTML) 1 Page - Recom International Power

  RACD12-LP Datasheet HTML 1Page - Recom International Power RACD12-LP Datasheet HTML 2Page - Recom International Power RACD12-LP Datasheet HTML 3Page - Recom International Power RACD12-LP Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
L-1
REV.: 0/2016
www.recom-power.com
12 Watt
Constant
Current Single
Output
AC/DC Converter
Features
LED
Driver
• Low Profile Case (13mm height max.)
• 350mA to 700mA Constant Current Outputs
• Terminal Block Input/Output with Cable Clamps
• Fully Protected (OLP, SCP, OCP, OTP)
• low Standby Power, ErP conform
• low cost
RACD12-LP
Description
These low profile constant current LED drivers have been designed for cost-sensitive applications.
The SELV outputs are suitable for both independently supplied or built-in power-supply LED luminaires.
Their low profile design allows them to be invisibly built into furniture, discreetly mounted under shelves
or integrated in space-restricted applications such as coving lighting, strip lighting or troffer lighting sys-
tems. The power supplies are short circuit and overload protected and come with a full 3-year warranty.
Selection Guide
Part
nom. Input
Input
Output
Output
Efficiency
Output
Number
Voltage
Current
Voltage Range
Current
typ.
Power max.
[VAC]
[mA]
[VDC]
[mA]
[%]
[W]
RACD12-350-LP
230
130
2-37
350
86
13W
RACD12-500-LP
230
130
2-24
500
81
12W
RACD12-700-LP
230
130
2-19
700
85
13W
3 YEAR
warranty
3
BASIC CHARACTERISTICS
Parameter
Condition
Min.
Typ.
Max.
Input Voltage Range
198VAC
230VAC
264VAC
Inrush Current
8.0A
Start-up Time
500ms
Input Frequency Range
47Hz
63Hz
No Load Power Consumption
0.5W
Power Factor
full load, 230VAC
0.55
Internal Operating Frequency
full load
60kHz
140kHz
Output Ripple Current (1)
50mAp-p
Specifications (measured @ ta= 25°C, 240VAC and rated load)
All LED Drivers may not be used without a load. They must be switched on the primary side only.
Noncompliance may damage the LED or reduce its lifetime.
REGULATIONS
Parameter
Condition
Value
Output Current Accuracy
±5% max.
Line Regulation
5% max.
Load Regulation
5% max.
Notes:
Note1: Measured at 20MHz BW using 0.1µF & 47µF parallel capacitor.
ERP
compliant
IEC/EN61347-1 Certified
IEC/EN61347-2-13 Certified
ENEC Certified
CB Report
EN55015 Compliant


Similar Part No. - RACD12-LP

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RACD12-350 RECOM-RACD12-350 Datasheet
93Kb / 2P
AC/DC-Converter with 5 year Warranty
RACD12-350 RECOM-RACD12-350 Datasheet
93Kb / 2P
AC/DC-Converter with 5 year Warranty
RACD12-350 RECOM-RACD12-350 Datasheet
90Kb / 2P
12 Watt PFC Single Output
RACD12-350_1103 RECOM-RACD12-350_1103 Datasheet
93Kb / 2P
AC/DC-Converter with 5 year Warranty
RACD12-500 RECOM-RACD12-500 Datasheet
93Kb / 2P
AC/DC-Converter with 5 year Warranty
More results

Similar Description - RACD12-LP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AL-3 ETC1-AL-3 Datasheet
49Kb / 1P
CABLE CLAMPS ALUMINUM
561-16A0062 ETC2-561-16A0062 Datasheet
77Kb / 2P
Miniature Cable Clamps
561-37B0125 ETC2-561-37B0125 Datasheet
146Kb / 2P
Standard Cable Clamps
logo
Recom International Pow...
RACD06-LP RECOM-RACD06-LP Datasheet
463Kb / 4P
Terminal Block Input/Output with Cable Clamps
RACD20-LP RECOM-RACD20-LP Datasheet
464Kb / 4P
Terminal Block Input/Output with Cable Clamps
RACV06-LP RECOM-RACV06-LP Datasheet
464Kb / 4P
Terminal Block Input/Output with Cable Clamps
RACV12-LP RECOM-RACV12-LP Datasheet
465Kb / 4P
Terminal Block Input/Output with Cable Clamps
RACV20-LP RECOM-RACV20-LP Datasheet
464Kb / 4P
Terminal Block Input/Output with Cable Clamps
logo
OEN India Limited
04-CCL125X OENINDIA-04-CCL125X Datasheet
39Kb / 1P
Nylon Cable Clamps
logo
CamdenBoss Ltd.
CCU1C-AG CAMDENBOSS-CCU1C-AG Datasheet
299Kb / 1P
Camcirc cable clamps
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com