Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RACV12-LP Datasheet(PDF) 2 Page - Recom International Power

Part # RACV12-LP
Description  Terminal Block Input/Output with Cable Clamps
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RACV12-LP Datasheet(HTML) 2 Page - Recom International Power

  RACV12-LP Datasheet HTML 1Page - Recom International Power RACV12-LP Datasheet HTML 2Page - Recom International Power RACV12-LP Datasheet HTML 3Page - Recom International Power RACV12-LP Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PROTECTION
Parameter
Condition
Value
Input Fuse
external fuse is recommended
T1A
Open Circuit Protection (OCP)
auto recovery after fault condition is removed
Over Load Protection (OLP)
auto recovery after fault condition is removed
Over Voltage Protection (OVP)
auto recovery after fault condition is removed
Over Temperature Protection (OTP)
110°C Tcase
auto recovery after fault condition is removed
Isolation Voltage
I/P to O/P
3.75kVAC / 1 minute
AC/DC Converter
L-2
REV.: 0/2016
www.recom-power.com
Specifications (measured @ ta= 25°C, 240VAC and rated load)
RACV12-LP
Series
ENVIRONMENTAL
Parameter
Condition
Value
Operating Temperature Range
-20°C to +50°C, Ambient
Maximum Case Temperature
+85°C
Operating Altitude
2000m
Operating Humidity
5% to 85% RH, non condensing
IP Rating
IP20
Pollution Degree
PD2
Design Lifetime
30 x 10³ hours
Derating Graph
-20
60
50
40
30
20
10
0
-10
0
20
40
60
80
100
Ambient Temperature [°C]
Maximum loading of automatic circuit breakers
@ 230VAC, 1Ohm, 90° phase angle and max. load
Circuit Breaker
Circuit Breaker Current
Typ
10A
16A
20A
25A
B
17
28
35
44
C
37
59
74
92
SAFETY AND CERTIFICATIONS
Certificate Type
Report Number
Standard
Lamp Controlgear General Requirments for Safety
305987
+
305985
IEC61347-1, 2nd Edition, 2012
EN61347-1, 2nd Edition 2013
Lamp Controlgear Particular Requirements
IEC61347-2-13, 2nd Edition, 2014
EN61347-2-13, 2014
D.C. or A.C. Controlgears for LED Performance Requirements
305984-1 + 305984-1
IEC/EN62384, 1st Edition, 2009
RoHS 2.1
LCS1606201548R
RoHS-2011/65/EU + AM-2015/863
continued on next page



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com